công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3300ITQ1633T bảng dữ liệu(PDF) 4 Page - Touchstone Semiconductor Inc

tên linh kiện TS3300ITQ1633T
Giải thích chi tiết về linh kiện  0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOUCHSTONE [Touchstone Semiconductor Inc]
Trang chủ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3300ITQ1633T bảng dữ liệu(HTML) 4 Page - Touchstone Semiconductor Inc

  TS3300ITQ1633T Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3300ITQ1633T Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3300ITQ1633T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3300ITQ1633T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3300ITQ1633T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3300ITQ1633T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3300ITQ1633T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3300ITQ1633T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3300ITQ1633T Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TS3300
Page 4
TS3300DS r1p0
RTFDS
ELECTRICAL CHARACTERISTICS
VREGIN = VBO = 3V, VREGOUT = 1.8V, VREG EN = HIGH, IREGOUT = 20mA, CREGOUT = 10µF unless otherwise noted. Values are at TA = 25°C unless
otherwise noted. See Note 1.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LINEAR REGULATOR
DC Output Accuracy
VREGOUT
2.3V ≤ VREGIN ≤ 5V
0mA ≤ IREGOUT ≤ 20mA
VREG FB = 505mV
2.5
%
-40ºC ≤ TA ≤ 85ºC
-3.5
3.5
%
Input Voltage Range
VREGIN
Guaranteed by design
1.8
5.25
V
Output Voltage Range
VREGOUT
1.8
5
V
Input Supply Current
IREGIN
IREGOUT = 0mA, VREG EN = VREGIN
0.4
1
µA
Line Regulation
VREGOUT/
VREGIN
VREGOUT +0.5V ≤ VREGIN ≤ 5V
-1
1
%
Load Regulation
VREGOUT/
IREGOUT
10mA ≤ IREGOUT ≤ 20mA
-1
1
%
0mA ≤ IREGOUT ≤ 20mA
-1.5
1.5
%
Drop Out Voltage
VDO
40
mV
Output Current Limit
ICL
150
mA
Power Supply Rejection
Ratio
PSRR
CREGOUT = 22µF
IREGOUT = 100mA
f = 10Hz
-70
dB
f = 100Hz
-50
dB
f = 1kHz
-36
dB
Startup Time
tSTR
1
ms
Linear Regulator Enable
Voltage
VREG EN
VIL (CMOS logic)
0.2 x VREGIN
V
VIH (CMOS logic)
0.8 xVREGIN
V
Linear Regulator Enable
Hysteresis
VREG EN_HYST
100
mV
Enable Pin Current
IREG EN
10
nA
SWITCH RdsON
RSW
VSW EN = HIGH. Measured from REGIN to
REGOUT
0.9
1.2
SWITCH Enable Voltage
VSW EN
VIL (CMOS logic)
0.2 x VREGIN
V
VIH (CMOS logic)
0.8 xVREGIN
V
Regulator Feedback Pin
Current
IREG FB
±0.1
±1
nA
Note 1: All devices are 100% production tested at TA = +25°C and are guaranteed by characterization for TA = TMIN to TMAX, as specified.


Số phần tương tự - TS3300ITQ1633T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
TS3300ITQ1633T SILABS-TS3300ITQ1633T Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
More results

Mô tả tương tự - TS3300ITQ1633T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Touchstone Semiconducto...
TS3300DB TOUCHSTONE-TS3300DB Datasheet
451Kb / 4P
   A 0.6-4.5VIN, 1.8-5.25VOUT, 3.5A, Low Input Voltage, High-Efficiency Boost LDO
logo
Renesas Technology Corp
ISL9111 RENESAS-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Intersil Corporation
ISL9111 INTERSIL-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Texas Instruments
TPS61322 TI1-TPS61322 Datasheet
341Kb / 9P
[Old version datasheet]   6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
TPS61322 TI1-TPS61322_18 Datasheet
1Mb / 29P
[Old version datasheet]   6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
logo
Renesas Technology Corp
ISL9113A RENESAS-ISL9113A Datasheet
737Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
logo
Renesas Technology Corp
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL78113A RENESAS-ISL78113A Datasheet
859Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113 INTERSIL-ISL9113 Datasheet
703Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
February 23, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com