công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVX3245MTC bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện 74LVX3245MTC
Giải thích chi tiết về linh kiện  8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX3245MTC bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  74LVX3245MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LVX3245MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LVX3245MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LVX3245MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LVX3245MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LVX3245MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LVX3245MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2003 Fairchild Semiconductor Corporation
DS011620
www.fairchildsemi.com
July 1993
Revised September 2003
74LVX3245
8-Bit Dual Supply Translating Transceiver with
3-STATE Outputs
General Description
The LVX3245 is a dual-supply, 8-bit translating transceiver
that is designed to interface between a 3V bus and a 5V
bus in a mixed 3V/5V supply environment. The Transmit/
Receive (T/R) input determines the direction of data flow.
Transmit (active-HIGH) enables data from A Ports to B
Ports; Receive (active-LOW) enables data from B Ports to
A Ports. The Output Enable input, when HIGH, disables
both A and B Ports by placing them in a high impedance
condition. The A Port interfaces with the 3V bus; the B Port
interfaces with the 5V bus.
The LVX3245 is suitable for mixed voltage applications
such as notebook computers using 3.3V CPU and 5V
peripheral components.
Features
s Bidirectional interface between 3V and 5V buses
s Inputs compatible with TTL level
s 3V data flow at A Port and 5V data flow at B Port
s Outputs source/sink 24 mA
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Implements proprietary EMI reduction circuitry
s Functionally compatible with the 74 series 245
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Connection Diagram
Order Number
Package Number
Package Description
74LVX3245WM
M24B
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVX3245QSC
MQA24
24-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150" Wide
74LVX3245MTC
MTC24
24-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
OE
Output Enable Input
T/R
Transmit/Receive Input
A0–A7
Side A Inputs or 3-STATE Outputs
B0–B7
Side B Inputs or 3-STATE Outputs


Số phần tương tự - 74LVX3245MTC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LVX3245MTC FAIRCHILD-74LVX3245MTC Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTC FAIRCHILD-74LVX3245MTC Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVX3245MTC ONSEMI-74LVX3245MTC Datasheet
389Kb / 12P
   8-Bit, Dual-Supply Translating Transceiver
April 2016 Rev. 1.6
logo
Fairchild Semiconductor
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
74LVX3245MTCX ONSEMI-74LVX3245MTCX Datasheet
389Kb / 12P
   8-Bit, Dual-Supply Translating Transceiver
April 2016 Rev. 1.6
More results

Mô tả tương tự - 74LVX3245MTC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54LVX4245 NSC-54LVX4245 Datasheet
118Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
74LVX4245 NSC-74LVX4245 Datasheet
142Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX3245 NSC-54LVX3245 Datasheet
114Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
54LVX4245_993 NSC-54LVX4245_993 Datasheet
120Kb / 8P
   8-Bit Dual Supply Translating Transceiver with TRI-STATE Outputs
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com