công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVX273 bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện 74LVX273
Giải thích chi tiết về linh kiện  Low Voltage Octal D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX273 bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  74LVX273 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX273 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX273 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX273 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX273 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX273 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX273 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics (Note 3)
Note 3: Input tr tf 3ns
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI
0.5V
20 mA
DC Input Voltage (VI)
0.5V to 7V
DC Output Diode Current (IOK)
VO
0.5V
20 mA
VO VCC 0.5V
20 mA
DC Output Voltage (VO)
0.5V to VCC  0.5V
DC Output Source
or Sink Current (IO)
r25 mA
DC VCC or Ground Current
(ICC or IGND)
r75 mA
Storage Temperature (TSTG)
65qC to 150qC
Power Dissipation
180 mW
Supply Voltage (VCC)
2.0V to 3.6V
Input Voltage (VI)
0V to 5.5V
Output Voltage (VO)0V to VCC
Operating Temperature (TA)
40qC to 85qC
Input Rise and Fall Time (
't/'V)
0 ns/V to 100 ns/V
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level
2.0
1.5
1.5
Input Voltage
3.0
2.0
2.0
V
3.6
2.4
2.4
VIL
LOW Level
2.0
0.5
0.5
Input Voltage
3.0
0.8
0.8
V
3.6
0.8
0.8
VOH
HIGH Level
2.0
1.9
2.0
1.9
VIN VIH or VIL IOH 50 PA
Output Voltage
3.0
2.9
3.0
2.9
V
IOH 50 PA
3.0
2.58
2.48
IOH 4 mA
VOL
LOW Level
2.0
0.0
0.1
0.1
VIN VIH or VIL IOL 50 PA
Output Voltage
3.0
0.0
0.1
0.1
V
IOL 50 PA
3.0
0.36
0.44
IOL 4 mA
IOZ
3-STATE Output
3.6
r0.25
r2.5
PAVIN VIH or VIL
Off-State Current
VOUT VCC or GND
IIN
Input Leakage Current
3.6
r0.1
r1.0
PAVIN 5.5V or GND
ICC
Quiescent Supply Current
3.6
4.0
40.0
PAVIN VCC or GND
Symbol
Parameter
VCC
TA 25qC
Units
CL (pF)
(V)
Typ
Limit
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.5
0.8
V
50
VOLV
Quiet Output Minimum Dynamic VOL
3.3
0.5
0.8
V
50
VIHD
Minimum HIGH Level Dynamic Input Voltage
3.3
2.0
V
50
VILD
Maximum LOW Level Dynamic Input Voltage
3.3
0.8
V
50


Số phần tương tự - 74LVX273

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
74LVX273 TOSHIBA-74LVX273 Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74LVX273 STMICROELECTRONICS-74LVX273 Datasheet
307Kb / 12P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP WITH CLEAR (5V TOLERANT INPUTS)
logo
ON Semiconductor
74LVX273 ONSEMI-74LVX273 Datasheet
198Kb / 9P
   Low Voltage Octal D-Type Flip-Flop
Revised April 2005
74LVX273M ONSEMI-74LVX273M Datasheet
198Kb / 9P
   Low Voltage Octal D-Type Flip-Flop
Revised April 2005
74LVX273MTC ONSEMI-74LVX273MTC Datasheet
198Kb / 9P
   Low Voltage Octal D-Type Flip-Flop
Revised April 2005
More results

Mô tả tương tự - 74LVX273

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
74LVQ273 FAIRCHILD-74LVQ273_01 Datasheet
66Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
logo
ON Semiconductor
74LVX273 ONSEMI-74LVX273 Datasheet
198Kb / 9P
   Low Voltage Octal D-Type Flip-Flop
Revised April 2005
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Motorola, Inc
MC74LCX374 MOTOROLA-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
Motorola, Inc
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX574 ONSEMI-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 2
MC74LCX374 ONSEMI-MC74LCX374_12 Datasheet
136Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
July, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com