công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MOCZ500 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MOCZ500
Giải thích chi tiết về linh kiện  OPTOISOLATOR ZERO CROSS TRIAC OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOCZ500 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MOCZ500 Datasheet HTML 1Page - Motorola, Inc MOCZ500 Datasheet HTML 2Page - Motorola, Inc MOCZ500 Datasheet HTML 3Page - Motorola, Inc MOCZ500 Datasheet HTML 4Page - Motorola, Inc MOCZ500 Datasheet HTML 5Page - Motorola, Inc MOCZ500 Datasheet HTML 6Page - Motorola, Inc MOCZ500 Datasheet HTML 7Page - Motorola, Inc MOCZ500 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOCZ500
Motorola Preferred Device
OPTOISOLATOR
ZERO CROSS
TRIAC OUTPUT
CASE 730J–01
STYLE 1
MOCZ500
1
2
34
6
1. LED Anode
2. LED Cathode
3. Not Connected
4. MT2
6. MT1
Connected to
Internal Triac
Heat Spreader
PINOUT
COUPLER
SCHEMATIC
1
2
6
4
Anode
Cathode
MT1
MT2
*
LED Drive Triac
* ZERO VOLTAGE
* ACTIVATION
1
Motorola Optoelectronics Device Data
Mini Zero-Crossing AC SSR
This device consists of a gallium arsenide infrared emitting diode optically
coupled to a zero–cross triac circuit and a power triac. It is capable of driving
loads up to 500 mA rms on AC voltages from 20 to 280 V rms.
• Provides Normally Open AC Output with 500 mA Rating @ 40_C
• Small Outline, Standard 6–PIN DIP Package
• Simplified Logic Control of 240 Vac Power
• High Input–Output Isolation of 7500 Vac (rms)
• 7 Amp Single Cycle Surge Capability
• Wide Load Power Factor Range 0.1–1
• Low Input/Output Capacitance
Applications:
• Logic to AC Line Interface
• Appliance Solenoids
• Microprocessor to AC Line Peripheral
• Appliance Actuators
• Industrial Controls
• Appliance Fan Motors
• EM Relays and Contactors
• Appliance Lights
• Small AC Motor Drives
• Incandescent Lamp Drive
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
INPUT LED
Reverse Voltage
VR
6
V
Forward Current — Continuous
IF
50
mA
OUTPUT TRIAC
Off–State Output Terminal Voltage (1)
VDRM
600
V
Peak Repetitive Surge Current (1 Cycle)
ITSM
7
A
Main Terminal Fusing Current (t = 8.3 ms)
I2T
0.4
A2sec
On–State Current Range
IT(rms)
0.030 to 0.500
A
Load Power Factor Range
pF
0.1 – 1.0
TOTAL DEVICE
Isolation Surge Voltage (2)
VISO
7500
Vac(pk)
Total Power Dissipation @ TA = 40°C
(Device Soldered on PCB)
PD
600
mW
Junction Temperature Range
TJ
– 40 to +125
°C
Ambient Operating Temperature Range
TA
– 40 to +85
°C
Ambient Operating Relative Humidity @ TA = 85°C
RHA
85
%
Storage Temperature Range
Tstg
– 40 to +125
°C
Soldering Temperature (10 sec)
TL
260
°C
1. Test voltages must be applied within dv/dt rating.
2. Input–Output isolation voltage, VISO. is an internal device dielectric breakdown rating. For this test,
pins 1 and 2 are common and pins 4 and 6 are common.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MOCZ500/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
GlobalOptoisolator
© Motorola, Inc. 1997
REV 2


Số phần tương tự - MOCZ500

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MMD Components
MOCZ112005A MMD-MOCZ112005A Datasheet
130Kb / 1P
   Oven Controlled Oscillator
MOCZ112005B MMD-MOCZ112005B Datasheet
130Kb / 1P
   Oven Controlled Oscillator
MOCZ112005C MMD-MOCZ112005C Datasheet
130Kb / 1P
   Oven Controlled Oscillator
MOCZ112005D MMD-MOCZ112005D Datasheet
130Kb / 1P
   Oven Controlled Oscillator
MOCZ112005E MMD-MOCZ112005E Datasheet
130Kb / 1P
   Oven Controlled Oscillator
More results

Mô tả tương tự - MOCZ500

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MOC2A6010 MOTOROLA-MOC2A6010 Datasheet
203Kb / 8P
   OPTOISOLATOR 2 AMP ZERO CROSS TRIAC OUTPUT 600 VOLTS
MOC2A60-10 MOTOROLA-MOC2A60-10 Datasheet
123Kb / 8P
   2 Amp Zero Cross Triac Output
logo
NTE Electronics
NTE3049 NTE-NTE3049 Datasheet
21Kb / 2P
   Optoisolator Zero Crossing TRIAC Driver
NTE3097 NTE-NTE3097 Datasheet
22Kb / 2P
   Optoisolator Zero Crossing TRIAC Driver
NTE3047 NTE-NTE3047 Datasheet
21Kb / 2P
   Optoisolator TRIAC Driver Output
NTE3048 NTE-NTE3048 Datasheet
20Kb / 2P
   Optoisolator TRIAC Driver Output
logo
Sharp Corporation
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
   Zero Cross type DIP 8pin Triac output SSR
PR21HD22NSZ SHARP-PR21HD22NSZ Datasheet
250Kb / 13P
   IT(rms) 1.5A, Low trigger current Zero Cross type Zero Cross type Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
logo
Motorola, Inc
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com