công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVTH652 bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện 74LVTH652
Giải thích chi tiết về linh kiện  Low Voltage Octal Transceiver/Register with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH652 bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  74LVTH652 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH652 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Pin Descriptions
Connection Diagram
Truth Table
(Note 1)
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
 = LOW to HIGH Clock Transition
Note 1: The data output functions may be enabled or disabled by various signals at OEAB or OEBA inputs. Data input functions are always enabled, i.e.,
data at the bus pins will be stored on every LOW-to-HIGH transition on the clock inputs.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
A0–A7
Data Register A Inputs/
3-STATE Outputs
B0–B7
Data Register B Inputs/
3-STATE Outputs
CPAB, CPBA
Clock Pulse Inputs
SAB, SBA
Select Inputs
OEAB, OEBA
Output Enable Inputs
Inputs
Inputs/Outputs
Operating Mode
OEAB
OEBA
CPAB
CPBA
SAB
SBA
A0 thru A7
B0 thru B7
L
H
H or L
H or L
X
X
Input
Input
Isolation
LH

X
X
Store A and B Data
XH

H or L
X
X
Input
Not Specified
Store A, Hold B
HH

X
X
Input
Output
Store A in Both Registers
LX
H or L

X
X
Not Specified
Input
Hold A, Store B
LL

X
X
Output
Input
Store B in Both Registers
L
L
X
X
X
L
Output
Input
Real-Time B Data to A Bus
L
L
X
H or L
X
H
Store B Data to A Bus
H
H
X
X
L
X
Input
Output
Real-Time A Data to B Bus
H
H
H or L
X
H
X
Stored A Data to B Bus
H
L
H or L
H or L
H
H
Output
Output
Stored A Data to B Bus and
Stored B Data to A Bus


Số phần tương tự - 74LVTH652

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LVTH646 FAIRCHILD-74LVTH646 Datasheet
78Kb / 8P
   Low Voltage Octal Transceiver/Register with 3-STATE Outputs
74LVTH646MTC FAIRCHILD-74LVTH646MTC Datasheet
78Kb / 8P
   Low Voltage Octal Transceiver/Register with 3-STATE Outputs
74LVTH646WM FAIRCHILD-74LVTH646WM Datasheet
78Kb / 8P
   Low Voltage Octal Transceiver/Register with 3-STATE Outputs
More results

Mô tả tương tự - 74LVTH652

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LVTH646 FAIRCHILD-74LVTH646 Datasheet
78Kb / 8P
   Low Voltage Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646_04 Datasheet
71Kb / 6P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com