công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS2508A bảng dữ liệu(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS2508A
Giải thích chi tiết về linh kiện  3A / 330KHz PWM Buck Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2508A bảng dữ liệu(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

  TS2508A_12 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2508A_12 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2508A_12 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2508A_12 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2508A_12 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2508A_12 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2508A_12 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2508A_12 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TS2508A
3A / 330KHz PWM Buck Converter
8/8
Version: C12
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC’s terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.


Số phần tương tự - TS2508A_12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS2508ACSRL TSC-TS2508ACSRL Datasheet
246Kb / 8P
   3A / 330KHz PWM Buck Converter
More results

Mô tả tương tự - TS2508A_12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS2508A TSC-TS2508A Datasheet
246Kb / 8P
   3A / 330KHz PWM Buck Converter
TS2508 TSC-TS2508 Datasheet
242Kb / 8P
   2A / 330KHz PWM Buck Converter
logo
Unisonic Technologies
SR2803 UTC-SR2803 Datasheet
211Kb / 6P
   330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
SR2803 UTC-SR2803_15 Datasheet
226Kb / 5P
   330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
logo
Analog Microelectronics
AME5107 AME-AME5107 Datasheet
205Kb / 12P
   PWM Control 3A Buck Converter
logo
Taiwan Semiconductor Co...
TS2509 TSC-TS2509_13 Datasheet
502Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2507 TSC-TS2507 Datasheet
372Kb / 9P
   0.5A / 330KHz PWM Buck Controller
TS2509 TSC-TS2509 Datasheet
497Kb / 9P
   3A / 500KHz PWM Buck Converter
TS2515 TSC-TS2515 Datasheet
205Kb / 7P
   3A / 380KHz PWM Buck Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com