công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS432XCXRFG bảng dữ liệu(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS432XCXRFG
Giải thích chi tiết về linh kiện  Adjustable Precision Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS432XCXRFG bảng dữ liệu(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS432XCXRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS432XCXRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS432XCXRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS432XCXRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS432XCXRFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS432XCXRFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS432XCXRFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS432XCXRFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS432XCXRFG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TS432
Adjustable Precision Shunt Regulator
3/12
Version: C07
Test Circuits
Figure 1: Vka = Vref
Figure 2: Vka > Vref
Figure 3: Off-State Current
Additional Information – Stability
When TS432 series is used as a shunt regulator, there are two options for selection of CL, are recommended for optional stability:
A) No load capacitance across the device, decouple at the load.
B) Large capacitance across the device, optional decoupling at the load.
The reason for this is that TS432 series exhibits instability with capacitances in the range of 10nF to 1uF (approx.) at light cathode
current up to 3mA (typ). The device is less stable the lower the cathode voltage has been set for. Therefore while the device will be
perfectly stable operating at a cathode current of 10mA (approx.) with a 0.1uF capacitor across it, it will oscillate transiently during
start up as the cathode current passes through the instability region. Select a very low capacitance, or alternatively a high
capacitance (10uF) will avoid this issue altogether. Since the user will probably wish to have local decoupling at the load anyway,
the most cost effective method is to use no capacitance at all directly across the device. PCB trace/via resistance and inductance
prevent the local load decoupling from causing the oscillation during the transient start up phase.
Note: if the TS432 series is located right at the load, so the load decoupling capacitor is directly across it, then this capacitor will
have to be ≤1nF or ≥10uF.
Applications Examples
Figure 4: Voltage Monitor
Figure 5: Output Control for Three Terminal
Fixed Regulator


Số phần tương tự - TS432XCXRFG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
   1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
Taiwan Semiconductor Co...
TS432 TSC-TS432 Datasheet
201Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Texas Instruments
TS432 TI-TS432 Datasheet
184Kb / 11P
[Old version datasheet]   1.24 V adjustable shunt voltage reference
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432 Datasheet
184Kb / 11P
   1.24 V adjustable shunt voltage reference
logo
Taiwan Semiconductor Co...
TS432 TSC-TS432 Datasheet
985Kb / 12P
   Adjustable Precision Shunt Regulator
More results

Mô tả tương tự - TS432XCXRFG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com