công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2SA1037AKT146R bảng dữ liệu(PDF) 4 Page - Rohm

tên linh kiện 2SA1037AKT146R
Giải thích chi tiết về linh kiện  General Purpose Transistor (??0V, ??.15A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

2SA1037AKT146R bảng dữ liệu(HTML) 4 Page - Rohm

  2SA1037AKT146R Datasheet HTML 1Page - Rohm 2SA1037AKT146R Datasheet HTML 2Page - Rohm 2SA1037AKT146R Datasheet HTML 3Page - Rohm 2SA1037AKT146R Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R1120A
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Notice
ROHM Customer Support System
http://www.rohm.com/contact/
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available, please contact us.
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the
consent of ROHM Co.,Ltd.
The content specified herein is subject to change for improvement without notice.
The content specified herein is for the purpose of introducing ROHM's products (hereinafter
"Products"). If you wish to use any such Product, please be sure to refer to the specifications,
which can be obtained from ROHM upon request.
Examples of application circuits, circuit constants and any other information contained herein
illustrate the standard usage and operations of the Products. The peripheral conditions must
be taken into account when designing circuits for mass production.
Great care was taken in ensuring the accuracy of the information specified in this document.
However, should you incur any damage arising from any inaccuracy or misprint of such
information, ROHM shall bear no responsibility for such damage.
The technical information specified herein is intended only to show the typical functions of and
examples of application circuits for the Products. ROHM does not grant you, explicitly or
implicitly, any license to use or exercise intellectual property or other rights held by ROHM and
other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the
use of such technical information.
The Products specified in this document are intended to be used with general-use electronic
equipment or devices (such as audio visual equipment, office-automation equipment, commu-
nication devices, electronic appliances and amusement devices).
The Products specified in this document are not designed to be radiation tolerant.
While ROHM always makes efforts to enhance the quality and reliability of its Products, a
Product may fail or malfunction for a variety of reasons.
Please be sure to implement in your equipment using the Products safety measures to guard
against the possibility of physical injury, fire or any other damage caused in the event of the
failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM
shall bear no responsibility whatsoever for your use of any Product outside of the prescribed
scope or not in accordance with the instruction manual.
The Products are not designed or manufactured to be used with any equipment, device or
system which requires an extremely high level of reliability the failure or malfunction of which
may result in a direct threat to human life or create a risk of human injury (such as a medical
instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-
controller or other safety device). ROHM shall bear no responsibility in any way for use of any
of the Products for the above special purposes. If a Product is intended to be used for any
such special purpose, please contact a ROHM sales representative before purchasing.
If you intend to export or ship overseas any Product or technology specified herein that may
be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to
obtain a license or permit under the Law.


Số phần tương tự - 2SA1037AKT146R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
2SA1037AKT146Q ROHM-2SA1037AKT146Q Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
logo
Littelfuse
2SA1037AKT146S LITTELFUSE-2SA1037AKT146S Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
More results

Mô tả tương tự - 2SA1037AKT146R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
2SA1774TLR LITTELFUSE-2SA1774TLR Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
2SA1037AKT146S LITTELFUSE-2SA1037AKT146S Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
logo
Rohm
2SA1037AKT146Q ROHM-2SA1037AKT146Q Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
2SA1576AT106R ROHM-2SA1576AT106R Datasheet
83Kb / 4P
   General Purpose Transistor (??0V, ??.15A)
2SB1694 ROHM-2SB1694_09 Datasheet
95Kb / 3P
   General purpose amplification (??0V, ??A)
logo
Littelfuse
2SB1710TL LITTELFUSE-2SB1710TL Datasheet
74Kb / 3P
   General purpose amplification (??0V, ??A)
logo
Shindengen Electric Mfg...
D15XB60 SHINDENGEN-D15XB60 Datasheet
303Kb / 6P
   General Purpose Rectifiers(600V 15A)
D15XB80 SHINDENGEN-D15XB80 Datasheet
303Kb / 6P
   General Purpose Rectifiers(800V 15A)
D15XB20 SHINDENGEN-D15XB20 Datasheet
303Kb / 6P
   General Purpose Rectifiers(200V 15A)
DF15VD60 SHINDENGEN-DF15VD60 Datasheet
274Kb / 5P
   General Purpose Rectifiers(600V 15A)
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com