công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5-1393304-6 bảng dữ liệu(PDF) 6 Page - Tyco Electronics

tên linh kiện 5-1393304-6
Giải thích chi tiết về linh kiện  Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1393304-6 bảng dữ liệu(HTML) 6 Page - Tyco Electronics

  5-1393304-6 Datasheet HTML 1Page - Tyco Electronics 5-1393304-6 Datasheet HTML 2Page - Tyco Electronics 5-1393304-6 Datasheet HTML 3Page - Tyco Electronics 5-1393304-6 Datasheet HTML 4Page - Tyco Electronics 5-1393304-6 Datasheet HTML 5Page - Tyco Electronics 5-1393304-6 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Plug-In Relays
Mini ISO Relays
Power Relay F4 / VF4
Please observe the disclaimer.
37
Catalog 1308028
Revision 03-06
Revision 03-05
Coil
Must
Must
Coil data
Rated coil
resistance
operate
release
Allowable overdrive 1)
for Power Relay F4/ VF4
voltage
+/- 10%
voltage
voltage
voltage (V)
(V)
(Ω)
(V)
(V)
at 23 °C
at 85 °C
VF4-**D**-**
6
22
3.6
0.6
11
8
VF4-**F**-**
12
90
7.2
1.2
22
17
V23134-**052-****
12
90
7.2
1.6
22
17
VF4-**H**-**
24
360
14.4
2.4
44
35
V23134-**053-****
24
324
14.4
3.2
41
32
V23134-**056-****
24
268
16.0
4.0
38
29
V23134-**064-****
24
360
14.4
2.4
44
35
1)
Allowable overdrive is stated with no load applied and minimum coil resistance.
Coil versions
Standard delivery packs (orders in multiples of delivery pack)
Power Relay F4
Quick connect verson:
315 pieces
Quick connect with bracket:
200 pieces
PCB version:
200 pieces
VF4-1, VF4-4
300 pieces
VF4-2, VF4-3
165 pieces
VF4-5, VF4-6
110 pieces
Ordering information
Part numbers for Power Relay F4/VF4
(see table below for coil data)
Contact
Contact
Enclosure
Special
Relay part number
Internal reference Tyco order number
arrangement
material
features
24 V Plug-In Relays
V23134-A0053-C643
5-1393302-1
1 Form C
AgNi0.15
Dust cover
V23134-A0056-X432
1-1414167-0
1 Form C
AgSnO2
Dust cover
Contact gap > 0.8mm, diode (cathode at 86)
V23134-A0056-X433
1-1414168-0
1 Form C
AgSnO2
Dust cover
Contact gap > 0.8mm, resistor 1.2 kΩ
VF4-15H11-C05
V23134-A0064-X816
5-1393305-3
1 Form C
AgNi0.15
Sealed
Resistor 2.7 kΩ
V23134-A1053-C643
6-1393302-3
1 Form C
AgNi0.15
Dust cover
Bracket
VF4-45H11-C05
V23134-A1064-X829
1432219-1
1 Form C
AgNi0.15
Sealed
Bracket, resistor 2.7 kΩ
VF4-15H11-S05
V23134-A1064-X830
8-1393305-4
1 Form C
AgNi0.15
Dust cover
Bracket, diode (cathode at 86)
V23134-B0053-C642
1393303-9
1 Form A
AgNi0.15
Dust cover
V23134-B1053-C642
3-1393303-7
1 Form A
AgNi0.15
Dust cover
Bracket
V23134-C0053-C642
4-1393303-4
1 Form A (2 pins 87)
AgNi0.15
Dust cover
V23134-C1053-C642
5-1393303-0
1 Form A (2 pins 87)
AgNi0.15
Dust cover
Bracket
V23134-M0053-C642
6-1393304-7
1 Form U
AgNi0.15
Dust cover
V23134-M1053-C642
7-1393304-4
1 Form U
AgNi0.15
Dust cover
Bracket
VF4-41H11
V23134-B1064-X825
7-1393305-0
1 Form A
AgNi0.15
Dust cover
Bracket
VF4-41H11-S08
V23134-A1064-X831
7-1393305-1
1 Form A
AgNi0.15
Dust cover
Bracket, resistor 2.7 kΩ
24 V PCB Relays
V23134-A0053-G243
5-1393302-2
1 Form C
AgNi0.15
Dust cover
VF4-15H13-C01
V23134-A0064-X820
5-1393305-9
1 Form C
AgNi0.15
Sealed
V23134-B0053-G242
1-1393303-0
1 Form A
AgNi0.15
Dust cover
V23134-C0053-G242
4-1393303-5
1 Form A (2 pins 87)
AgNi0.15
Dust cover
V23134-M0053-G242
6-1393304-8
1 Form U
AgNi0.15
Dust cover
VF4-11H13
V23134-B0064-X804
2-1393305-6
1 Form A
AgNi0.15
Dust cover
VF4-15H13
V23134-A0064-X819
0-1393302-8
1 Form C
AgNi0.15
Dust cover


Số phần tương tự - 5-1393304-6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
5-1393304-6 MACOM-5-1393304-6 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
5-1393304-6 MACOM-5-1393304-6 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
logo
TE Connectivity Ltd
5-1393304-6 TEC-5-1393304-6 Datasheet
481Kb / 4P
   Plug-in or PCB terminals
5-1393304-6 TEC-5-1393304-6 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
More results

Mô tả tương tự - 5-1393304-6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
13801 MACOM-13801 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
logo
TE Connectivity Ltd
F4-A TEC-F4-A Datasheet
298Kb / 3P
   Automotive Relays Plug-in Mini ISO Relays
V23234-B TEC-V23234-B Datasheet
235Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
6-1393298-5 MACOM-6-1393298-5 Datasheet
805Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
TE Connectivity Ltd
V23134-F4 TEC-V23134-F4 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
V23134-J0052-D642 TEC-V23134-J0052-D642 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
V23134-F7 TEC-V23134-F7 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
VFMA TEC-VFMA Datasheet
262Kb / 4P
   Automotive Relays Plug-in Micro ISO Relays
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com