công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5-1393304-6 bảng dữ liệu(PDF) 3 Page - Tyco Electronics

tên linh kiện 5-1393304-6
Giải thích chi tiết về linh kiện  Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1393304-6 bảng dữ liệu(HTML) 3 Page - Tyco Electronics

  5-1393304-6 Datasheet HTML 1Page - Tyco Electronics 5-1393304-6 Datasheet HTML 2Page - Tyco Electronics 5-1393304-6 Datasheet HTML 3Page - Tyco Electronics 5-1393304-6 Datasheet HTML 4Page - Tyco Electronics 5-1393304-6 Datasheet HTML 5Page - Tyco Electronics 5-1393304-6 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Plug-In Relays
Mini ISO Relays
Power Relay F4 / VF4
Please observe the disclaimer.
34
Catalog 1308028
Revision 03-06
Revision 03-05
Load limit curve
Pin assignment
Load limit curve 1 ^
= arc extinguishes
during transit time (changeover contact)
Load limit curve 2 ^
= safe shutdown,
no stationary arc (make contact)
1 make contact/
1 form A
Power relay F4 only
1 double make contact/
1 form U
Power relay F4 only
1 make contact (2 x pin 87)/
1 form A (2 x pin 87)
1 changeover contact/
1 form C
Models with resistor or
diode in parallel to the
coil on request.
Models with resistor or
diode in parallel to the
coil on request.
Models with resistor or
diode in parallel to the
coil on request.
*)
Models with resistor or
diode in parallel to the
coil on request.
Contact data
Contact configuration
Circuit symbol
(see also Pin assignment)
Rated voltage
Rated current at 85 °C
Contact material
Max. switching voltage/ power
Max. switching current1)
On2)
Off
Min. recommended load4)
Voltage drop at 10 A (initial)
NO contact
NC contact
Mechanical endurance (without load)
Electrical endurance
(example of resistive load without
component in parralel to the coil)
Max switching rate at nominal load
6 operations per minute (0.1 Hz)
1)
The values apply to a resistive or inductive load with suitable spark suppression and at maximum 14 V for 12 V or 28 V for 24 V load voltages.
2)
For a load current duration of maximum 3 s for a make/break ratio of 1:10.
3)
Special high performance 24 V version with contact gap > 0.8 mm, part number V23134-A0056-X432/-X433 (see ordering information).
4)
See chapter Diagnostics in our Application Recommendations on page 18 of this catalog or consult the internet at http://relays.tycoelectronics.com/application.asp
Make contact/
Double make contact/
Changeover contact/
Form A or Form A (2x87)
Form U
Form C
or
12 V
24 V
12 V
24 V
12 V
24 V
24 V3)
40 A
20 A
2 x 25 A
2 x 15 A
30/40 A
15/20 A
20/30 A
AgNi0.15
AgNi0.15
AgNi0.15
AgSnO2
See load limit curve
NC/NO
NC/NO
NC/NO
120 A
120 A
2 x 100 A
2 x 100 A
45/120A
45/120A
45/120A
60 A
20 A
2 x 40 A
2 x 15 A
40/60A
15/20A
20/30A
1 A at 5 V
Typ. 15 mV, 200 mV max.
Typ. 2 x 15 mV, 200 mV max.
Typ. 15 mV, 200 mV max.
Typ. 20 mV, 250 mV max.
> 107 operations
> 2 x 105
> 1 x 105
> 2 x 105
> 1 x 105
> 2 x 105
> 1 x 105
> 1 x 105
operations
operations
operations
operations
operations
operations
operations
40 A, 14 V
20 A, 28 V
2 x 25 A, 14 V
2 x 15 A, 28 V
40 A, 14 V
20 A, 28 V
30 A, 28 V
(NO contact)
(NO contact) (NO contact)
> 5 x 105
operations
10 A, 28 V
(NC contact)


Số phần tương tự - 5-1393304-6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
5-1393304-6 MACOM-5-1393304-6 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
5-1393304-6 MACOM-5-1393304-6 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
logo
TE Connectivity Ltd
5-1393304-6 TEC-5-1393304-6 Datasheet
481Kb / 4P
   Plug-in or PCB terminals
5-1393304-6 TEC-5-1393304-6 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
More results

Mô tả tương tự - 5-1393304-6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
13801 MACOM-13801 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
logo
TE Connectivity Ltd
F4-A TEC-F4-A Datasheet
298Kb / 3P
   Automotive Relays Plug-in Mini ISO Relays
V23234-B TEC-V23234-B Datasheet
235Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
Tyco Electronics
6-1393298-5 MACOM-6-1393298-5 Datasheet
805Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
logo
TE Connectivity Ltd
V23134-F4 TEC-V23134-F4 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
V23134-J0052-D642 TEC-V23134-J0052-D642 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
V23134-F7 TEC-V23134-F7 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
VFMA TEC-VFMA Datasheet
262Kb / 4P
   Automotive Relays Plug-in Micro ISO Relays
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com