công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5-1393788-3 bảng dữ liệu(PDF) 7 Page - Tyco Electronics |
|
5-1393788-3 bảng dữ liệu(HTML) 7 Page - Tyco Electronics |
7 / 7 page 09-2012, Rev. 0912 www.te.com © 2012 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 7 AXICOM Signal Relays P2 Relay V23079 (Continued) Product code Version Coil design Coil type Coil voltage Part number V23079-D1006-B301 9VDC 5-1393788-9 V23079-D1005-B301 24VDC 5-1393788-8 V23079-D2008-B301 Overmolded 3VDC 4-1393789-7 V23079-D2011-B301 4.5VDC 4-1393789-8 V23079-D2001-B301 5VDC 4-1393789-3 V23079-D2002-B301 6VDC 4-1393789-4 V23079-D2006-B301 9VDC 4-1393789-6 V23079-D2003-B301 12VDC 4-1393789-5 V23079-E1219-B301 Standard Bistable, 2 coils 2VDC 1-1422007-0 V23079-E1218-B301 2.4VDC 1422007-5 V23079-E1208-B301 3VDC 7-1393788-1 V23079-E1211-B301 4.5VDC 7-1393788-2 V23079-E1201-B301 5VDC 6-1393788-8 V23079-E1202-B301 6VDC 1393789-5 V23079-E1206-B301 9VDC 1393789-9 V23079-E1203-B301 12VDC 6-1393788-9 V23079-E1205-B301 24VDC 7-1393788-0 V23079-E2219-B301 Overmolded 2VDC 1422007-6 V23079-E2201-B301 5VDC 1422007-7 V23079-E2208-B301 3VDC 1422007-8 V23079-E2218-B301 2.4VDC 1422007-9 V23079-F1108-B301 Standard Bistable, 1 coil 3VDC 7-1393788-5 V23079-F1111-B301 4.5VDC 1-1393789-4 V23079-F1101-B301 5VDC 7-1393788-3 V23079-F1102-B301 6VDC 1-1393789-0 V23079-F1106-B301 9VDC 1-1393789-2 V23079-F1103-B301 12VDC 7-1393788-4 V23079-F1105-B301 24VDC 1-1393789-1 V23079-G1005-B301 SMT, short pins Monostable 24VDC 7-1393788-8 V23079-G2008-B301 Overmolded 3VDC 5-1393789-4 V23079-G2016-B301 4VDC 1393790-5 V23079-G2011-B301 4.5VDC 5-1393789-5 V23079-G2001-B301 5VDC 4-1393789-9 V23079-G2002-B301 6VDC 5-1393789-0 V23079-G2006-B301 9VDC 5-1393789-3 V23079-G2003-B301 12VDC 5-1393789-1 V23079-H1208-B301 Standard Bistable, 2 coils 3VDC 2-1393789-4 V23079-H1211-B301 4.5VDC 8-1393788-4 V23079-H1201-B301 5VDC 2-1393789-0 V23079-H1202-B301 6VDC 2-1393789-1 V23079-H1206-B301 9VDC 2-1393789-3 V23079-H1203-B301 12VDC 8-1393788-3 V23079-H1205-B301 24VDC 2-1393789-2 V23079-J1108-B301 Bistable, 1 coil 3VDC 2-1393789-9 V23079-J1111-B301 4.5VDC 3-1393789-0 V23079-J1101-B301 5VDC 2-1393789-5 V23079-J1102-B301 6VDC 2-1393789-6 V23079-J1103-B301 12VDC 2-1393789-7 V23079-J1105-B301 24VDC 2-1393789-8 V23079-G2008-X079 High dielectric Monostable 3VDC 1422006-5 V23079-G2001-X071 Overmolded 5VDC 1422006-1 V23079-G2002-X072 6VDC 1422006-2 V23079-G2006-X073 9VDC 1422006-3 V23079-G2003-X074 12VDC 1422006-4 V23079-A2003-X074 12VDC 1422025-7 V23079-A2008-X079 3VDC 1-1422025-1 |
Số phần tương tự - 5-1393788-3 |
|
Mô tả tương tự - 5-1393788-3 |