công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3-1393788-5 bảng dữ liệu(PDF) 5 Page - Tyco Electronics |
|
3-1393788-5 bảng dữ liệu(HTML) 5 Page - Tyco Electronics |
5 / 7 page 09-2012, Rev. 0912 www.te.com © 2012 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 5 AXICOM 12 9 16 12 9 1 PLC 0 PLC 2 PLC 3 PLC 4 PLC DIMENSIONS: TOLERANCES UNLESS OTHERWISE SPECIFIED: USED ON P LTR APVD DATE REVISION RECORD DWN SIZE OF C 1 2 3 4 5 6 7 8 A B DRAWING NO LOC DIST D SHEET REV APVD DWN CHK NAME SCALE MATERIAL HEAT TREAT ANGLES SURFACE TEXTURE 3306-7 (3/11) A3 TE Connectivity A A B B 11.9±0.2 9.9±0.2 PS conductivity 10 A-A B-B 2:1 2:1 1.2+0.2 0 max. R0.3 16±0.15 4±0.1 2±0.1 1.5 0.1 4±0.2 12.1±0.2 max. 3° max. 3° max. 3° 1.5 0.1 1.5 1.5 -9 S/m roztec transportnich otvoru distance of transport holes 4x10=40±0.2mm 4x11=44±0.2mm 4x12=48±0.2mm - 26.3.2012 - Zdenek Curda - - - mm 26.3.2012 - 0.1 Petr Hofman 0.01 - 0.001 0.0001 P2L2/FU2 - Blister tape long terminals - - - 4:1 C23303-A079-C119 1 1 8 8 - 26.3.2012 ZC PH 7 - 17.06.2011 ZC 9122 1 - 25.05.1998 9188 9151 1 PLC 0 PLC 2 PLC 3 PLC 4 PLC DIMENSIONS: TOLERANCES UNLESS OTHERWISE SPECIFIED: USED ON P LTR APVD DATE REVISION RECORD DWN SIZE OF C 1 2 3 4 5 6 7 8 A B DRAWING NO LOC DIST D SHEET REV APVD DWN CHK NAME SCALE MATERIAL HEAT TREAT ANGLES SURFACE TEXTURE 3306-7 (3/11) A3 TE Connectivity A A B B 11.9±0.2 9.9±0.2 PS conductivity 10 A-A B-B 2:1 2:1 1.2+0.2 0 max. R0.3 16±0.15 4±0.1 2±0.1 1.5 0.1 4±0.2 12.1±0.2 max. 3° max. 3° max. 3° 1.5 0.1 1.5 1.5 -9 S/m roztec transportnich otvoru distance of transport holes 4x10=40±0.2mm 4x11=44±0.2mm 4x12=48±0.2mm - 26.3.2012 - Zdenek Curda - - - mm 26.3.2012 - 0.1 Petr Hofman 0.01 - 0.001 0.0001 P2L2/FU2 - Blister tape long terminals - - - 4:1 C23303-A079-C119 1 1 8 8 - 26.3.2012 ZC PH 7 - 17.06.2011 ZC 9122 1 - 25.05.1998 9188 9151 1 PLC 0 PLC 2 PLC 3 PLC 4 PLC DIMENSIONS: TOLERANCES UNLESS OTHERWISE SPECIFIED: USED ON P LTR APVD DATE REVISION RECORD DWN SIZE OF C 1 2 3 4 5 6 7 8 A B DRAWING NO LOC DIST D SHEET REV APVD DWN CHK NAME SCALE MATERIAL HEAT TREAT ANGLES SURFACE TEXTURE 3306-7 (3/11) A3 TE Connectivity A A B B 11.9±0.2 9.9±0.2 PS conductivity 10 A-A B-B 2:1 2:1 1.2+0.2 0 max. R0.3 16±0.15 4±0.1 2±0.1 1.5 0.1 4±0.2 12.1±0.2 max. 3° max. 3° max. 3° 1.5 0.1 1.5 1.5 -9 S/m roztec transportnich otvoru distance of transport holes 4x10=40±0.2mm 4x11=44±0.2mm 4x12=48±0.2mm - 26.3.2012 - Zdenek Curda - - - mm 26.3.2012 - 0.1 Petr Hofman 0.01 - 0.001 0.0001 P2L2/FU2 - Blister tape long terminals - - - 4:1 C23303-A079-C119 1 1 8 8 - 26.3.2012 ZC PH 7 - 17.06.2011 ZC 9122 1 - 25.05.1998 9188 9151 NEW 1 PLC 0 PLC 2 PLC 3 PLC 4 PLC DIMENSIONS: TOLERANCES UNLESS OTHERWISE SPECIFIED: USED ON P LTR APVD DATE REVISION RECORD DWN SIZE OF C 1 2 3 4 5 6 7 8 A B DRAWING NO LOC DIST D SHEET REV APVD DWN CHK NAME SCALE MATERIAL HEAT TREAT ANGLES SURFACE TEXTURE 3306-7 (3/11) A3 TE Connectivity B B A A PS conductivity 10 B-B 2:1 2:1 1.2+0.2 0 4±0.1 max. R0.3 max. 3° 4±0.2 10±0.2 12±0.2 16±0.15 (8) 1.5 0.1 2±0.1 1.5 0.1 12.2±0.2 ( 1.5) (48) max. 3° max. 3° 1.5 1.5 -9 S/m roztec transportnich otvoru distance of transport holes 4x10=40±0.2mm 4x11=44±0.2mm 4x12=48±0.2mm A-A - 30.3.2012 - Zdenek Curda - - - mm 30.3.2012 - 0.1 Petr Hofman 0.01 - 0.001 0.0001 P2L3 - Blister tape long terminals - - - 4:1 C23303-A079-C121 1 1 3 3 - 30.03.2012 ZC PH 2 - 17.06.2011 PH 9122 1 - 25.05.1998 PH 9122 1 PLC 0 PLC 2 PLC 3 PLC 4 PLC DIMENSIONS: TOLERANCES UNLESS OTHERWISE SPECIFIED: USED ON P LTR APVD DATE REVISION RECORD DWN SIZE OF C 1 2 3 4 5 6 7 8 A B DRAWING NO LOC DIST D SHEET REV APVD DWN CHK NAME SCALE MATERIAL HEAT TREAT ANGLES SURFACE TEXTURE 3306-7 (3/11) A3 TE Connectivity B B A A PS conductivity 10 B-B 2:1 2:1 1.2+0.2 0 4±0.1 max. R0.3 max. 3° 4±0.2 10±0.2 12±0.2 16±0.15 (8) 1.5 0.1 2±0.1 1.5 0.1 12.2±0.2 ( 1.5) (48) max. 3° max. 3° 1.5 1.5 -9 S/m roztec transportnich otvoru distance of transport holes 4x10=40±0.2mm 4x11=44±0.2mm 4x12=48±0.2mm A-A - 30.3.2012 - Zdenek Curda - - - mm 30.3.2012 - 0.1 Petr Hofman 0.01 - 0.001 0.0001 P2L3 - Blister tape long terminals - - - 4:1 C23303-A079-C121 1 1 3 3 - 30.03.2012 ZC PH 2 - 17.06.2011 PH 9122 1 - 25.05.1998 PH 9122 1 PLC 0 PLC 2 PLC 3 PLC 4 PLC DIMENSIONS: TOLERANCES UNLESS OTHERWISE SPECIFIED: USED ON P LTR APVD DATE REVISION RECORD DWN SIZE OF C 1 2 3 4 5 6 7 8 A B DRAWING NO LOC DIST D SHEET REV APVD DWN CHK NAME SCALE MATERIAL HEAT TREAT ANGLES SURFACE TEXTURE 3306-7 (3/11) A3 TE Connectivity B B A A PS conductivity 10 B-B 2:1 2:1 1.2+0.2 0 4±0.1 max. R0.3 max. 3° 4±0.2 10±0.2 12±0.2 16±0.15 (8) 1.5 0.1 2±0.1 1.5 0.1 12.2±0.2 ( 1.5) (48) max. 3° max. 3° 1.5 1.5 -9 S/m roztec transportnich otvoru distance of transport holes 4x10=40±0.2mm 4x11=44±0.2mm 4x12=48±0.2mm A-A - 30.3.2012 - Zdenek Curda - - - mm 30.3.2012 - 0.1 Petr Hofman 0.01 - 0.001 0.0001 P2L3 - Blister tape long terminals - - - 4:1 C23303-A079-C121 1 1 3 3 - 30.03.2012 ZC PH 2 - 17.06.2011 PH 9122 1 - 25.05.1998 PH 9122 1 PLC 0 PLC 2 PLC 3 PLC 4 PLC DIMENSIONS: TOLERANCES UNLESS OTHERWISE SPECIFIED: USED ON P LTR APVD DATE REVISION RECORD DWN SIZE OF C 1 2 3 4 5 6 7 8 A B DRAWING NO LOC DIST D SHEET REV APVD DWN CHK NAME SCALE MATERIAL HEAT TREAT ANGLES SURFACE TEXTURE 3306-7 (3/11) A3 TE Connectivity A A B B PS conductivity 10 B-B 2:1 2:1 1.2+0.2 0 12±0.15 4±0.1 2±0.1 1.5 0.1 4±0.2 max. 3° 1.5 0.1 8±0.2 9±0.2 max. R 0.3 9.1±0.2 max. 3° max. 3° 1.5 1.5 -9 S/m roztec transportnich otvoru distance of transport holes 4x10=40±0.2mm 4x11=44±0.2mm 4x12=48±0.2mm A-A - 26.3.2012 - Zdenek Curda - - - mm 26.3.2012 - 0.1 Petr Hofman 0.01 - 0.001 0.0001 P2L2/P2L3/FU2 - Blister tape short terminals - - - 4:1 C23303-A079-C120 1 1 8 8 - 26.3.2012 ZC PH 7 - 13.12.2005 9193 9121 1 - 25.05.1998 9188 9151 1 PLC 0 PLC 2 PLC 3 PLC 4 PLC DIMENSIONS: TOLERANCES UNLESS OTHERWISE SPECIFIED: USED ON P LTR APVD DATE REVISION RECORD DWN SIZE OF C 1 2 3 4 5 6 7 8 A B DRAWING NO LOC DIST D SHEET REV APVD DWN CHK NAME SCALE MATERIAL HEAT TREAT ANGLES SURFACE TEXTURE 3306-7 (3/11) A3 TE Connectivity A A B B PS conductivity 10 B-B 2:1 2:1 1.2+0.2 0 12±0.15 4±0.1 2±0.1 1.5 0.1 4±0.2 max. 3° 1.5 0.1 8±0.2 9±0.2 max. R 0.3 9.1±0.2 max. 3° max. 3° 1.5 1.5 -9 S/m roztec transportnich otvoru distance of transport holes 4x10=40±0.2mm 4x11=44±0.2mm 4x12=48±0.2mm A-A - 26.3.2012 - Zdenek Curda - - - mm 26.3.2012 - 0.1 Petr Hofman 0.01 - 0.001 0.0001 P2L2/P2L3/FU2 - Blister tape short terminals - - - 4:1 C23303-A079-C120 1 1 8 8 - 26.3.2012 ZC PH 7 - 13.12.2005 9193 9121 1 - 25.05.1998 9188 9151 1 PLC 0 PLC 2 PLC 3 PLC 4 PLC DIMENSIONS: TOLERANCES UNLESS OTHERWISE SPECIFIED: USED ON P LTR APVD DATE REVISION RECORD DWN SIZE OF C 1 2 3 4 5 6 7 8 A B DRAWING NO LOC DIST D SHEET REV APVD DWN CHK NAME SCALE MATERIAL HEAT TREAT ANGLES SURFACE TEXTURE 3306-7 (3/11) A3 TE Connectivity A A B B PS conductivity 10 B-B 2:1 2:1 1.2+0.2 0 12±0.15 4±0.1 2±0.1 1.5 0.1 4±0.2 max. 3° 1.5 0.1 8±0.2 9±0.2 max. R 0.3 9.1±0.2 max. 3° max. 3° 1.5 1.5 -9 S/m roztec transportnich otvoru distance of transport holes 4x10=40±0.2mm 4x11=44±0.2mm 4x12=48±0.2mm A-A - 26.3.2012 - Zdenek Curda - - - mm 26.3.2012 - 0.1 Petr Hofman 0.01 - 0.001 0.0001 P2L2/P2L3/FU2 - Blister tape short terminals - - - 4:1 C23303-A079-C120 1 1 8 8 - 26.3.2012 ZC PH 7 - 13.12.2005 9193 9121 1 - 25.05.1998 9188 9151 Tape and reel for SMT 16 16 12 9 NEW NEW Signal Relays P2 Relay V23079 (Continued) |
Số phần tương tự - 3-1393788-5 |
|
Mô tả tương tự - 3-1393788-5 |