công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STW26NM60N bảng dữ liệu(PDF) 3 Page - STMicroelectronics

tên linh kiện STW26NM60N
Giải thích chi tiết về linh kiện  N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW26NM60N bảng dữ liệu(HTML) 3 Page - STMicroelectronics

  STW26NM60N Datasheet HTML 1Page - STMicroelectronics STW26NM60N Datasheet HTML 2Page - STMicroelectronics STW26NM60N Datasheet HTML 3Page - STMicroelectronics STW26NM60N Datasheet HTML 4Page - STMicroelectronics STW26NM60N Datasheet HTML 5Page - STMicroelectronics STW26NM60N Datasheet HTML 6Page - STMicroelectronics STW26NM60N Datasheet HTML 7Page - STMicroelectronics STW26NM60N Datasheet HTML 8Page - STMicroelectronics STW26NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
STB26NM60N, STF26NM60, STI26NM60N, STP26NM60N, STW26NM60N
Electrical ratings
Doc ID 15642 Rev 5
3/23
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
D²PAK, I²PAK,
TO-220, TO-247
TO-220FP
VDS
Drain-source voltage
600
V
VGS
Gate-source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
20
20(1)
1.
Limited by maximum junction temperature.
A
ID
Drain current (continuous) at TC = 100 °C
12.6
12.6 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
80
80(1)
A
PTOT
Total dissipation at TC = 25 °C
140
35
W
Derating factor
1.12
0.28
W/°C
dv/dt (3)
3.
ISD ≤ 20 A, di/dt ≤ 400 A/µs, VDSpeak ≤V(BR)DSS, VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t=1 s;TC=25 °C)
2500
V
Tstg
Storage temperature
–55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-247 TO-220
I²PAK D²PAK TO-220FP
Rthj-case
Thermal resistance junction-
case max
0.89
3.6
°C/W
Rthj-amb
Thermal resistance junction-
ambient max
50
62.5
62.5
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10 sec.
Thermal resistance junction-pcb
max
30
°C/W


Số phần tương tự - STW26NM60N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
STW26NM60N ISC-STW26NM60N Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STW26NM60N-H STMICROELECTRONICS-STW26NM60N-H Datasheet
681Kb / 12P
   N-channel 600 V, 0.135 Ω, 20 A TO-247 MDmesh™ II Power MOSFET
October 2009
STW26NM60ND STMICROELECTRONICS-STW26NM60ND Datasheet
1Mb / 23P
   Low input capacitance and gate charge
logo
Inchange Semiconductor ...
STW26NM60ND ISC-STW26NM60ND Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Mô tả tương tự - STW26NM60N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STP26NM60N STMICROELECTRONICS-STP26NM60N Datasheet
1Mb / 24P
   N-channel 600 V, 0.135 廓 typ., 20 A MDmesh??II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
STP13NM60N STMICROELECTRONICS-STP13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STF18NM60N STMICROELECTRONICS-STF18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
STP18NM60N STMICROELECTRONICS-STP18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
October 2012 Rev 4
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
   N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STF26NM60N-H STMICROELECTRONICS-STF26NM60N-H Datasheet
707Kb / 12P
   N-channel 600 V, 0.135 ?? 20 A MDmesh??II Power MOSFET in TO-220FP
January 2010 Rev 1
STP24N60M2 STMICROELECTRONICS-STP24N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.168 廓 typ., 18 A MDmesh II Plus??low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
   N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
DS9714 - Rev 4 - November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com