công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LCXZ245MTC bảng dữ liệu(PDF) 10 Page - Fairchild Semiconductor

tên linh kiện 74LCXZ245MTC
Giải thích chi tiết về linh kiện  Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXZ245MTC bảng dữ liệu(HTML) 10 Page - Fairchild Semiconductor

Back Button 74LCXZ245MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LCXZ245MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LCXZ245MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LCXZ245MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LCXZ245MTC Datasheet HTML 6Page - Fairchild Semiconductor 74LCXZ245MTC Datasheet HTML 7Page - Fairchild Semiconductor 74LCXZ245MTC Datasheet HTML 8Page - Fairchild Semiconductor 74LCXZ245MTC Datasheet HTML 9Page - Fairchild Semiconductor 74LCXZ245MTC Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC20
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Số phần tương tự - 74LCXZ245MTC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LCXZ245MTC FAIRCHILD-74LCXZ245MTC Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results

Mô tả tương tự - 74LCXZ245MTC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
74LCX2245 NSC-74LCX2245 Datasheet
76Kb / 2P
   Low-Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX245 FAIRCHILD-74LCX245_08 Datasheet
876Kb / 14P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ245 FAIRCHILD-74LCXZ245_05 Datasheet
119Kb / 10P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX245 FAIRCHILD-74LCX245 Datasheet
102Kb / 12P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX245 NSC-54LCX245 Datasheet
117Kb / 6P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX245 ONSEMI-74LCX245 Datasheet
740Kb / 16P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.11.1
logo
Fairchild Semiconductor
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX16245 FAIRCHILD-74LCX16245 Datasheet
86Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCX32245 FAIRCHILD-74LCX32245 Datasheet
125Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245_05 Datasheet
81Kb / 7P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com