công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LCXZ16244 bảng dữ liệu(PDF) 10 Page - Fairchild Semiconductor

tên linh kiện 74LCXZ16244
Giải thích chi tiết về linh kiện  Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXZ16244 bảng dữ liệu(HTML) 10 Page - Fairchild Semiconductor

Back Button 74LCXZ16244 Datasheet HTML 2Page - Fairchild Semiconductor 74LCXZ16244 Datasheet HTML 3Page - Fairchild Semiconductor 74LCXZ16244 Datasheet HTML 4Page - Fairchild Semiconductor 74LCXZ16244 Datasheet HTML 5Page - Fairchild Semiconductor 74LCXZ16244 Datasheet HTML 6Page - Fairchild Semiconductor 74LCXZ16244 Datasheet HTML 7Page - Fairchild Semiconductor 74LCXZ16244 Datasheet HTML 8Page - Fairchild Semiconductor 74LCXZ16244 Datasheet HTML 9Page - Fairchild Semiconductor 74LCXZ16244 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.fairchildsemi.com
10
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Package Number MTD48
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Số phần tương tự - 74LCXZ16244

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74LCXZ16244 ONSEMI-74LCXZ16244 Datasheet
302Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised August 2001
74LCXZ16244GX ONSEMI-74LCXZ16244GX Datasheet
302Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised August 2001
74LCXZ16244MEA ONSEMI-74LCXZ16244MEA Datasheet
302Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised August 2001
74LCXZ16244MTD ONSEMI-74LCXZ16244MTD Datasheet
302Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised August 2001
More results

Mô tả tương tự - 74LCXZ16244

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LCX16244 FAIRCHILD-74LCX16244 Datasheet
70Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
54LCX16244 NSC-54LCX16244 Datasheet
77Kb / 5P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX16240 FAIRCHILD-74LCX16240 Datasheet
106Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs
logo
ON Semiconductor
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
logo
Fairchild Semiconductor
74LCX244 FAIRCHILD-74LCX244 Datasheet
432Kb / 12P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX32244 FAIRCHILD-74LCX32244 Datasheet
107Kb / 7P
   Low Voltage 32-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCXZ16240 FAIRCHILD-74LCXZ16240 Datasheet
87Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 5V Tolerant Inputs/Outputs (Preliminary)
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com