công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LCXR162245MTX bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor |
|
74LCXR162245MTX bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor |
3 / 8 page 3 www.fairchildsemi.com Absolute Maximum Ratings(Note 3) Recommended Operating Conditions (Note 5) Note 3: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The “Recom- mended Operating Conditions” table will define the conditions for actual device operation. Note 4: IO Absolute Maximum Rating must be observed. Note 5: Unused pins (Inputs or I/O's) must be held HIGH or LOW. They may not Float. DC Electrical Characteristics Symbol Parameter Value Conditions Units VCC Supply Voltage 0.5 to 7.0 V VI DC Input Voltage 0.5 to 7.0 V VO DC Output Voltage 0.5 to 7.0 Output in 3-STATE V 0.5 to VCC 0.5 Output in HIGH or LOW State (Note 4) IIK DC Input Diode Current 50 VI GND mA IOK DC Output Diode Current 50 VO GND mA 50 VO ! VCC IO DC Output Source/Sink Current r50 mA ICC DC Supply Current per Supply Pin r100 mA IGND DC Ground Current per Ground Pin r100 mA TSTG Storage Temperature 65 to 150 qC Symbol Parameter Min Max Units VCC Supply Voltage Operating 2.0 3.6 V Data Retention 1.5 3.6 VI Input Voltage 0 5.5 V VO Output Voltage HIGH or LOW State 0 VCC V 3-STATE 0 5.5 IOH/IOL Output Current VCC 3.0V 3.6V r12 mA VCC 2.7V 3.0V r8 VCC 2.3V 2.7V r4 TA Free-Air Operating Temperature 40 85 qC 't/'V Input Edge Rate, VIN 0.8V–2.0V, VCC 3.0V 0 10 ns/V Symbol Parameter Conditions VCC TA 40qC to 85qC Units (V) Min Max VIH HIGH Level Input Voltage 2.3 2.7 1.7 V 2.7 3.6 2.0 VIL LOW Level Input Voltage 2.3 2.7 0.7 V 2.7 3.6 0.8 VOH HIGH Level Output Voltage IOH 100 PA 2.3 3.6 VCC 0.2 V IOH 4 mA 2.3 1.8 IOH 4 mA 2.7 2.2 IOH 6 mA 3.0 2.4 IOH 8 mA 2.7 2.0 IOH 12 mA 3.0 2.0 VOL LOW Level Output Voltage IOL 100 PA 2.3 3.6 0.2 V IOL 4 mA 2.3 0.6 IOL 4 mA 2.7 0.4 IOL 6 mA 3.0 0.55 IOL 8 mA 2.7 0.6 IOL 12 mA 3.0 0.8 II Input Leakage Current 0 d VI d 5.5V 2.3 3.6 r5.0 PA IOZ 3-STATE I/O Leakage 0 d VO d 5.5V 2.3 3.6 r5.0 PA VI VIH or VIL |
Số phần tương tự - 74LCXR162245MTX |
|
Mô tả tương tự - 74LCXR162245MTX |