công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28022FRZR5453 bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện ISL28022FRZR5453
Giải thích chi tiết về linh kiện  Precision Digital Power Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28022FRZR5453 bảng dữ liệu(HTML) 8 Page - Intersil Corporation

Back Button ISL28022FRZR5453 Datasheet HTML 4Page - Intersil Corporation ISL28022FRZR5453 Datasheet HTML 5Page - Intersil Corporation ISL28022FRZR5453 Datasheet HTML 6Page - Intersil Corporation ISL28022FRZR5453 Datasheet HTML 7Page - Intersil Corporation ISL28022FRZR5453 Datasheet HTML 8Page - Intersil Corporation ISL28022FRZR5453 Datasheet HTML 9Page - Intersil Corporation ISL28022FRZR5453 Datasheet HTML 10Page - Intersil Corporation ISL28022FRZR5453 Datasheet HTML 11Page - Intersil Corporation ISL28022FRZR5453 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ISL28022
8
FN8386.1
April 26, 2013
POWER SUPPLY
Operating Supply Voltage Range
3
5.5
V
ICCEXT
Power Supply Current On VCC Pin, Active
Mode
External power supply mode,
VCC = 5V
0.7
1.0
mA
ICCPD
Power Supply Current On VCC Pin,
Power-Down Mode
External power supply mode,
VCC = 5V
515
µA
NOTE:
9. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications TA =+25°C,VCC=3.3,VINP= VBUS = 12V, VSENSE= VINP-VINM= 32mV,unless otherwise specified. All voltages
with respect to GND pin. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNIT
Typical Performance Curves
TA = +25°C, VCC = 3.3V, VINP = VBUS = 12V, S(B)ADC =15; unless otherwise specified.
FIGURE 2. VSHUNT VOS
FIGURE 3. VSHUNT VOS vs TEMPERATURE
FIGURE 4. VSHUNT MEASUREMENT ERROR
FIGURE 5. VSHUNT MEASUREMENT ERROR vs VSHUNT INPUT
0
5
10
15
20
25
-75
-60
-45 -30
-15
0
15
30
45
60
75
VSHUNT VOS (µV)
-0.0750
-0.0625
-0.0500
-0.0375
-0.0250
-0.0125
0
0.0125
0.0250
0.0375
0.0500
0.0625
0.0750
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VCC = 3.3V
VCC = 3V
VCC = 5V
SADC = 15
0
5
10
15
20
25
30
35
40
-0.30 -0.25 -0.20 -0.15 -0.10 -0.05 0 0.05 0.10 0.15 0.20 0.25 0.30
VSHUNT MEASUREMENT ERROR (%)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
-0.30 -0.25 -0.20 -0.15 -0.10 -0.05
0 0.05 0.10 0.15 0.20 0.25 0.30
VSHUNT (V)
VCC = 5.5V
VCC = 3.3V
VCC = 3V
T = +25°C
VSHUNT (CMV) = 12V
SADC = 15


Số phần tương tự - ISL28022FRZR5453

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28022FRZ INTERSIL-ISL28022FRZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022FRZ RENESAS-ISL28022FRZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
More results

Mô tả tương tự - ISL28022FRZR5453

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28022FUZ INTERSIL-ISL28022FUZ Datasheet
1Mb / 32P
   Precision Digital Power Monitor
October 2, 2015
logo
Renesas Technology Corp
ISL28022 RENESAS-ISL28022 Datasheet
1Mb / 32P
   Precision Digital Power Monitor
logo
Intersil Corporation
ISL28023FR12Z INTERSIL-ISL28023FR12Z Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
June 17, 2015
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
logo
Renesas Technology Corp
ISL28023 RENESAS-ISL28023 Datasheet
3Mb / 55P
   Precision Digital Power Monitor with Margining
logo
Intersil Corporation
ISL28025 INTERSIL-ISL28025 Datasheet
1Mb / 47P
   Precision Digital Power Monitor with Real Time Alerts
June 17, 2015
logo
Renesas Technology Corp
ISL28025 RENESAS-ISL28025 Datasheet
2Mb / 53P
   Precision Digital Power Monitor with Real Time Alerts
logo
Texas Instruments
INA260 TI1-INA260 Datasheet
362Kb / 30P
[Old version datasheet]   Precision Digital Current and Power Monitor with Low-Drift, Precision Integrated Shunt
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
   INPUT POWER MONITOR WITH DIGITAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com