công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL1902FAZ bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện ISL1902FAZ
Giải thích chi tiết về linh kiện  Full-Featured, Dimmable AC Mains LED Driver with PFC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1902FAZ bảng dữ liệu(HTML) 8 Page - Intersil Corporation

Back Button ISL1902FAZ Datasheet HTML 4Page - Intersil Corporation ISL1902FAZ Datasheet HTML 5Page - Intersil Corporation ISL1902FAZ Datasheet HTML 6Page - Intersil Corporation ISL1902FAZ Datasheet HTML 7Page - Intersil Corporation ISL1902FAZ Datasheet HTML 8Page - Intersil Corporation ISL1902FAZ Datasheet HTML 9Page - Intersil Corporation ISL1902FAZ Datasheet HTML 10Page - Intersil Corporation ISL1902FAZ Datasheet HTML 11Page - Intersil Corporation ISL1902FAZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ISL1902
8
FN7981.2
March 20, 2013
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to +28.0V
OUT, PWMOUT, INRUSH . . . . . . . . . . . . . . . . . . . . . . . . . . .GND - 0.3V to VDD
Signal Pins (except CS-) . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VREF + 0.3V
Signal Pin CS- . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.6V to VREF + 0.3V
VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .GND - 0.3V to 6.0V
Peak OUT Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.0A
Peak PWMOUT Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.0A
ESD Classification
Human Body Model (Per MIL-STD-883 Method 3015.7). . . . . . . . 1500V
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . . . . . . . 150V
Charged Device Model (Per EOS/ESD DS5.3, 4/14/93). . . . . . . . . 750V
Latchup (Per JESD-78B; Class 2, Level A. . . . . . . . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
24 Lead QSOP (Notes 4, 5) . . . . . . . . . . . . .
78
34
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . .-55°C to +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Supply Voltage Range (Typical). . . . . . . . . . . . . . . . . . . . . . . 9VDC to 20VDC
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is taken at the package top center.
6. All voltages are with respect to GND.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to the Block Diagram on page 4 and
Typical Application schematics starting on page 5. VDD = 17V, RRAMP = 54kΩ, CRAMP = 470pF, TA = -40°C to +125°C, Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS
SUPPLY VOLTAGE
Supply Voltage
26
V
Start-Up Current, IDD
VDD = 5.0V
100
200
µA
Operating Current, IDD
RLOAD, COUT = 0
10
14.5
mA
UVLO START Threshold
14.8
15.5
16.1
V
UVLO STOP Threshold
6.80
7.10
7.50
V
Hysteresis
7.50
8.30
9.30
V
REFERENCE VOLTAGE (VREF)
Overall Accuracy
IVREF = 0mA to -10mA,
8V < VDD< 26V
5.30
5.40
5.50
V
Long Term Stability
TA = +125°C, 1000 hours (Note 8)
10
25
mV
Operational Current (Source)
8V < VDD< 26V
-10
mA
Current Limit
VREF = 5.00V, 8V < VDD< 26V
-15
-100
mA
Load Capacitance
(Note 8)
0.1
3.3
µF
PEAK CURRENT SENSE (OC)
Current Limit Threshold
VERR = VREF, RAMP = 0V
577
600
623
mV
Leading Edge Blanking (LEB) Duration
(Note 8)
70
120
150
ns
OC to OUT Delay + LEB
TA = +25°C
110
170
200
ns
Input Bias Current
VOC = 0.3V
-1.0
1.0
µA
RAMP
RAMP Sink Current Device Impedance
IRAMP = 10mA
20
Ω
RAMP to PWM Comparator Offset
190
235
287
mV
Input Bias Current
VRAMP = 0.3V
-1.0
1.0
µA


Số phần tương tự - ISL1902FAZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL1902FAZ RENESAS-ISL1902FAZ Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
More results

Mô tả tương tự - ISL1902FAZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Intersil Corporation
ISL1904FAZ INTERSIL-ISL1904FAZ Datasheet
623Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
September 20, 2012
logo
Renesas Technology Corp
ISL1904 RENESAS-ISL1904 Datasheet
952Kb / 21P
   Dimmable AC Mains LED Driver with PFC and Primary Side Regulation
logo
Bright Power Semiconduc...
BP5132HC BPS-BP5132HC Datasheet
494Kb / 2P
   Mains Dimmable Liner LED Driver
BP5152HC BPS-BP5152HC Datasheet
497Kb / 2P
   Mains Dimmable Liner LED Driver
logo
Intersil Corporation
ISL1903 INTERSIL-ISL1903 Datasheet
573Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
Renesas Technology Corp
ISL1903 RENESAS-ISL1903 Datasheet
888Kb / 19P
   Dimmable Buck LED Driver - AC Mains or DC Input LED Driver
logo
NXP Semiconductors
AN10952 PHILIPS-AN10952_15 Datasheet
265Kb / 40P
   SSL2103 flexible, mains-dimmable LED driver
Rev. 1-24 December 2010
AN10754 PHILIPS-AN10754_15 Datasheet
214Kb / 37P
   SSL2101 and SSL2102 dimmable mains LED driver
Rev. 4.1-5 November 2012
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com