công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LCXH245WM bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện 74LCXH245WM
Giải thích chi tiết về linh kiện  Low Voltage Bidirectional Transceiver with Bushold
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH245WM bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  74LCXH245WM Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH245WM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 5: Outputs disabled or 3-STATE only.
Note 6: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 7: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
AC Electrical Characteristics
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
II(HOLD)
Bushold Input Minimum
VIN = 0.7V
2.3
45
µA
Drive Hold Current
VIN = 1.7V
−45
VIN = 0.8V
3.0
75
VIN = 2.0V
−75
II(OD)
Bushold Input Over-Drive
(Note 6)
2.7
300
µA
Current to Change State
(Note 7)
−300
(Note 6)
3.6
450
(Note 7)
−450
IOZ
3-STATE I/O Leakage
VO = VCC or GND
2.3
− 3.6
±5.0
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 3.6
10
µA
3.6V
≤ V
I, VO ≤ 5.5V (Note 5)
2.3
− 3.6
±10
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.3 - 3.6
500
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.5
7.0
1.5
8.0
1.5
8.4
ns
tPLH
An to Bn or Bn to An
1.5
7.0
1.5
8.0
1.5
8.4
tPZL
Output Enable Time
1.5
8.5
1.5
9.5
1.5
10.5
ns
tPZH
1.5
8.5
1.5
9.5
1.5
10.5
tPLZ
Output Disable Time
1.5
7.5
1.5
8.5
1.5
9.0
ns
tPHZ
1.5
7.5
1.5
8.5
1.5
9.0
tOSHL
Output to Output Skew
1.0
ns
tOSLH
(Note 8)
1.0
Symbol
Parameter
Conditions
VCC
TA = 25°C
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL = 50 pF, VIH = 3.3V, V IL = 0V
3.3
−0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
−0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
CI/O
Input/Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
25
pF


Số phần tương tự - 74LCXH245WM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LCXH245WM FAIRCHILD-74LCXH245WM Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH245WM ONSEMI-74LCXH245WM Datasheet
306Kb / 12P
   Low Voltage Bidirectional Transceiver with Bushold
Revised September 2001
logo
Fairchild Semiconductor
74LCXH245WMX FAIRCHILD-74LCXH245WMX Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
More results

Mô tả tương tự - 74LCXH245WM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VCXH245 FAIRCHILD-74VCXH245 Datasheet
81Kb / 8P
   Low Voltage Bidirectional Transceiver with Bushold
74ALVCH245 FAIRCHILD-74ALVCH245 Datasheet
82Kb / 7P
   Low Voltage Bidirectional Transceiver with Bushold
74VCXH245 FAIRCHILD-74VCXH245_05 Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245WMX FAIRCHILD-74LCXH245WMX Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH245 ONSEMI-74LCXH245 Datasheet
306Kb / 12P
   Low Voltage Bidirectional Transceiver with Bushold
Revised September 2001
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74LCXH2245 FAIRCHILD-74LCXH2245_05 Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
74LCXH32245 FAIRCHILD-74LCXH32245 Datasheet
177Kb / 8P
   Low Voltage 32-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com