công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LCXH16374MEA bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor

tên linh kiện 74LCXH16374MEA
Giải thích chi tiết về linh kiện  Low Voltage 16-Bit D-Type Flip-Flop with Bushold
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH16374MEA bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor

  74LCXH16374MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH16374MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH16374MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH16374MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH16374MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH16374MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH16374MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH16374MEA Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH16374MEA Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
Functional Description
The
LCXH16374
consists
of
sixteen
edge-triggered
flip-flops with individual D-type inputs and 3-STATE true
outputs. The device is byte controlled with each byte func-
tioning identically, but independent of the other. The control
pins can be shorted together to obtain full 16-bit operation.
Each byte has a buffered clock and buffered Output Enable
common to all flip-flops within that byte. The description
which follows applies to each byte. Each flip-flop will store
the state of their individual D inputs that meet the setup and
hold time requirements on the LOW-to-HIGH Clock (CPn)
transition. With the Output Enable (OEn) LOW, the con-
tents of the flip-flops are available at the outputs. When
OEn is HIGH, the outputs go to the high impedance state.
Operation of the OEn input does not affect the state of the
flip-flops.
Logic Diagrams
Byte 1 (0:7)
Byte 2 (8:15)
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.


Số phần tương tự - 74LCXH16374MEA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LCXH16374MEA FAIRCHILD-74LCXH16374MEA Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
More results

Mô tả tương tự - 74LCXH16374MEA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC74VCXH16374FT TOSHIBA-TC74VCXH16374FT Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
TC74VCXH162374FT TOSHIBA-TC74VCXH162374FT Datasheet
176Kb / 13P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
Fairchild Semiconductor
74VCXH16374 FAIRCHILD-74VCXH16374 Datasheet
174Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74ALVCH16374 FAIRCHILD-74ALVCH16374 Datasheet
97Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374 FAIRCHILD-74LCXH16374_05 Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH162374 FAIRCHILD-74LCXH162374 Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74ALVCH162374 FAIRCHILD-74ALVCH162374 Datasheet
94Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
logo
ON Semiconductor
MC74LCX16374 ONSEMI-MC74LCX16374_12 Datasheet
133Kb / 7P
   Low-Voltage CMOS 16-Bit D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Fairchild Semiconductor
74VCXH162374 FAIRCHILD-74VCXH162374 Datasheet
86Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26廓 Series Resistors in Outputs
logo
Motorola, Inc
MC74LCX16374 MOTOROLA-MC74LCX16374 Datasheet
123Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com