công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LCXH16374 bảng dữ liệu(PDF) 5 Page - Fairchild Semiconductor

tên linh kiện 74LCXH16374
Giải thích chi tiết về linh kiện  Low Voltage 16-Bit D-Type Flip-Flop with Bushold
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH16374 bảng dữ liệu(HTML) 5 Page - Fairchild Semiconductor

  74LCXH16374 Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH16374 Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH16374 Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH16374 Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH16374 Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH16374 Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH16374 Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH16374 Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH16374 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 6: Outputs disabled or 3-STATE only.
Note 7: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 8: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
AC Electrical Characteristics
Note 9: Skew is defined as the absolute value of the differences between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
II(HOLD)
Bushold Input Minimum
VIN = 0.7V
2.3
45
µA
Drive Hold Current
VIN = 1.7V
−45
VIN = 0.8V
3.0
75
VIN = 2.0V
−75
II(OD)
Bushold Input Over-Drive
(Note 7)
2.7
300
µA
Current to Change State
(Note 8)
−300
(Note 7)
3.6
450
(Note 8)
−450
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 5.5V
2.3
− 3.6
±5.0
µA
IOFF
Power-Off Leakage Current
VO = VCC
010
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 3.6
20
µA
3.6V
≤ V
O ≤ 5.5V (Note 6)
2.3
− 3.6
±20
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.3
− 3.6
500
µA
Symbol
Parameter
TA = −40° to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
170
MHz
tPHL
Propagation Delay
1.5
6.2
1.5
6.5
1.5
7.4
ns
tPLH
CP to On
1.5
6.2
1.5
6.5
1.5
7.4
tPZL
Output Enable time
1.5
6.1
1.5
6.3
1.5
7.9
ns
tPZH
1.5
6.1
1.5
6.3
1.5
7.9
tPLZ
Output Disable Time
1.5
6.0
1.5
6.2
1.5
7.2
ns
tPHZ
1.5
6.0
1.5
6.2
1.5
7.2
tS
Setup Time
2.5
2.5
3.0
ns
tH
Hold Time
1.5
1.5
2.0
ns
tW
Pulse Width
3.0
3.0
3.5
ns
tOSHL
Output to Output Skew (Note 9)
1.0
ns
tOSLH
1.0
Symbol
Parameter
Conditions
VCC
TA = 25°C
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
−0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
COUT
Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
20
pF


Số phần tương tự - 74LCXH16374

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LCXH16374 FAIRCHILD-74LCXH16374 Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374G FAIRCHILD-74LCXH16374G Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374MEA FAIRCHILD-74LCXH16374MEA Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374MTD FAIRCHILD-74LCXH16374MTD Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374 FAIRCHILD-74LCXH16374_05 Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
More results

Mô tả tương tự - 74LCXH16374

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC74VCXH16374FT TOSHIBA-TC74VCXH16374FT Datasheet
217Kb / 14P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
TC74VCXH162374FT TOSHIBA-TC74VCXH162374FT Datasheet
176Kb / 13P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
Fairchild Semiconductor
74VCXH16374 FAIRCHILD-74VCXH16374 Datasheet
174Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74ALVCH16374 FAIRCHILD-74ALVCH16374 Datasheet
97Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH16374 FAIRCHILD-74LCXH16374_05 Datasheet
210Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74LCXH162374 FAIRCHILD-74LCXH162374 Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74ALVCH162374 FAIRCHILD-74ALVCH162374 Datasheet
94Kb / 6P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
logo
ON Semiconductor
MC74LCX16374 ONSEMI-MC74LCX16374_12 Datasheet
133Kb / 7P
   Low-Voltage CMOS 16-Bit D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Fairchild Semiconductor
74VCXH162374 FAIRCHILD-74VCXH162374 Datasheet
86Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26廓 Series Resistors in Outputs
logo
Motorola, Inc
MC74LCX16374 MOTOROLA-MC74LCX16374 Datasheet
123Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com