công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LCXH16245G bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện 74LCXH16245G
Giải thích chi tiết về linh kiện  Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH16245G bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  74LCXH16245G Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH16245G Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH16245G Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH16245G Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH16245G Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH16245G Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH16245G Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH16245G Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 6: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 7: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
AC Electrical Characteristics
Note 8: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
(V)
Min
Max
II(HOLD)
Bushold Input Minimum
VIN = 0.7V
2.3
45
µA
Drive Hold Current
VIN = 1.7V
−45
VIN = 0.8V
3.0
75
VIN = 2.0V
−75
II(OD)
Bushold Input Over-Drive
(Note 6)
2.7
300
µA
Current to Change State
(Note 7)
−300
(Note 6)
3.6
450
(Note 7)
−450
IOZ
3-STATE I/O Leakage
VO = VCC or GND
2.3
− 3.6
±5.0
µA
IOFF
Power-Off Leakage Current
VI or VO = 5.5V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3–3.6
20
µA
∆I
CC
Increase in ICC per Input
VIH = VCC −0.6V
2.3–3.6
500
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
CL = 50 pF
CL = 50 pF
CL = 30 pF
Min
Max
Min
Max
Min
Max
tPHL
Propagation Delay
1.0
4.5
1.0
5.2
1.0
5.4
ns
tPLH
An to Bn or Bn to An
1.04.5
1.05.2
1.05.4
tPZL
Output Enable Time
1.0
6.5
1.0
7.2
1.0
8.5
ns
tPZH
1.06.5
1.07.2
1.08.5
tPLZ
Output Disable Time
1.0
6.4
1.0
6.9
1.0
7.7
ns
tPHZ
1.06.4
1.06.9
1.07.7
tOSHL
Output to Output Skew (Note 8)
1.0
ns
tOSLH
1.0
Symbol
Parameter
Conditions
VCC
(V)
TA = 25°C
Units
Typical
VOLP
Quiet Output Dynamic Peak VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
0.6
VOLV
Quiet Output Dynamic Valley VOL
CL = 50 pF, VIH = 3.3V, VIL = 0V
3.3
−0.8
V
CL = 30 pF, VIH = 2.5V, VIL = 0V
2.5
−0.6
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = Open, VI = 0V or VCC
7pF
CI/O
Input/Output Capacitance
VCC = 3.3V, VI = 0V or VCC
8pF
CPD
Power Dissipation Capacitance
VCC = 3.3V, VI = 0V or VCC, f = 10 MHz
20
pF


Số phần tương tự - 74LCXH16245G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LCXH16245G FAIRCHILD-74LCXH16245G Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245G ONSEMI-74LCXH16245G Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
More results

Mô tả tương tự - 74LCXH16245G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH16245 ONSEMI-74LCXH16245 Datasheet
204Kb / 10P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
Revised June 2005
logo
Fairchild Semiconductor
74VCXH245 FAIRCHILD-74VCXH245 Datasheet
81Kb / 8P
   Low Voltage Bidirectional Transceiver with Bushold
74ALVCH245 FAIRCHILD-74ALVCH245 Datasheet
82Kb / 7P
   Low Voltage Bidirectional Transceiver with Bushold
74VCXH245 FAIRCHILD-74VCXH245_05 Datasheet
211Kb / 9P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245 FAIRCHILD-74LCXH245 Datasheet
197Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
74LCXH245WMX FAIRCHILD-74LCXH245WMX Datasheet
200Kb / 10P
   Low Voltage Bidirectional Transceiver with Bushold
logo
ON Semiconductor
74LCXH245 ONSEMI-74LCXH245 Datasheet
306Kb / 12P
   Low Voltage Bidirectional Transceiver with Bushold
Revised September 2001
logo
Toshiba Semiconductor
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16543FT TOSHIBA-TC74VCXH16543FT Datasheet
225Kb / 15P
   Low-Voltage 16-Bit Registered Transceiver with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com