công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LCXH162373MTD bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện 74LCXH162373MTD
Giải thích chi tiết về linh kiện  Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCXH162373MTD bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  74LCXH162373MTD Datasheet HTML 1Page - Fairchild Semiconductor 74LCXH162373MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LCXH162373MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LCXH162373MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LCXH162373MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LCXH162373MTD Datasheet HTML 6Page - Fairchild Semiconductor 74LCXH162373MTD Datasheet HTML 7Page - Fairchild Semiconductor 74LCXH162373MTD Datasheet HTML 8Page - Fairchild Semiconductor 74LCXH162373MTD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2002 Fairchild Semiconductor Corporation
DS500445
www.fairchildsemi.com
February 2001
Revised March 2002
74LCXH162373
Low Voltage 16-Bit Transparent Latch
with Bushold and 26
Ω Series Resistor Outputs
General Description
The LCXH162373 contains sixteen non-inverting latches
with 3-STATE outputs and is intended for bus oriented
applications. The device is byte controlled. The flip-flops
appear transparent to the data when the Latch Enable (LE)
is HIGH. When LE is LOW, the data that meets the setup
time is latched. Data appears on the bus when the Output
Enable (OE) is LOW. When OE is HIGH, the outputs are in
a high impedance state.
The LCXH162373 is designed for low voltage (2.5V or
3.3V) VCC applications with capability of interfacing to a 5V
signal environment. The 26
Ω series resistor helps reduce
output overshoot and undershoot.
The LCXH162373 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing CMOS low power dissipation.
The LCXH162373 data inputs include active bushold cir-
cuitry, eliminating the need for external pull-up resistors to
hold unused or floating data inputs at a valid logic level.
Features
s 5V tolerant control inputs and outputs
s 2.3V–3.6V VCC specifications provided
s Equivalent 26
Ω series resistors on outputs
s Bushold on inputs eliminates the need for external
pull-up/pull-down resistors
s 6.2 ns tPD max (VCC = 3.3V), 20 µA ICC max
s Power down high impedance inputs and outputs
s
±12 mA output drive (V
CC = 3.0V)
s Implements patented noise/EMI reduction circuitry
s Latch-up performance exceeds 500 mA
s ESD performance:
Human body model
> 2000V
Machine model
> 200V
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA) (Preliminary)
Ordering Code:
Note 1: BGA package available in Tape and Reel only.
Logic Symbol
Order Number
Package
Number
Package Description
74LCXH162373GX
(Note 1)
BGA54A
(Preliminary)
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
[TAPE and REEL]
74LCXH162373MEA
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
[RAIL]
74LCXH162373MEX
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
[TAPE and REEL]
74LCXH162373MTD
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[RAIL]
74LCXH162373MTX
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
[TAPE and REEL]


Số phần tương tự - 74LCXH162373MTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LCXH162374 FAIRCHILD-74LCXH162374 Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74LCXH162374GX FAIRCHILD-74LCXH162374GX Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74LCXH162374MEA FAIRCHILD-74LCXH162374MEA Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74LCXH162374MEX FAIRCHILD-74LCXH162374MEX Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
74LCXH162374MTD FAIRCHILD-74LCXH162374MTD Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
More results

Mô tả tương tự - 74LCXH162373MTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
74LCXH16373 FAIRCHILD-74LCXH16373 Datasheet
220Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCXH162373 FAIRCHILD-74VCXH162373_05 Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
74LCX162373 FAIRCHILD-74LCX162373 Datasheet
218Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26??Series Resistor
74ALVCH162244 FAIRCHILD-74ALVCH162244 Datasheet
81Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistor in Outputs
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74LCX162373 FAIRCHILD-74LCX162373_05 Datasheet
131Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26ohm Series Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com