công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LCX541SJ bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện 74LCX541SJ
Giải thích chi tiết về linh kiện  Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX541SJ bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  74LCX541SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LCX541SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LCX541SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LCX541SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LCX541SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LCX541SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LCX541SJ Datasheet HTML 7Page - Fairchild Semiconductor 74LCX541SJ Datasheet HTML 8Page - Fairchild Semiconductor 74LCX541SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
www.fairchildsemi.com
74LCX541 Rev. 2.0.0
DC Electrical Characteristics
AC Electrical Characteristics
Notes
6.
Outputs disabled or 3-STATE only.
7.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the
same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-
HIGH (tOSLH).
Symbol
Parameter
Conditions
VCC (V)
TA = −40°C to +85°C
Units
Min.
Max.
VIH
HIGH Level Input Voltage
2.3
− 2.7
1.7
V
2.7
− 3.6
2.0
VIL
LOW Level Input Voltage
2.3
− 2.7
0.7
V
2.7
− 3.6
0.8
VOH
HIGH Level Output Voltage
IOH = −100µA
2.3
− 3.6
VCC – 0.2
V
IOH = –8 mA
2.3
1.8
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
IOH = −24 mA
3.0
2.2
VOL
LOW Level Output Voltage
IOL = 100µA
2.3
− 3.6
0.2
V
IOL = 8mA
2.3
0.6
IOL = 12 mA
2.7
0.4
IOL = 16 mA
3.0
0.4
IOL = 24 mA
3.0
0.55
II
Input Leakage Current
0
≤ V
I ≤ 5.5V
2.3
− 3.6
±5.0
µA
IOFF
Power-Off Leakage Current
VI or VO = 5.5V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 3.6
10
µA
3.6V
≤ V
I, VO ≤ 5.5V
6
2.3
− 3.6
±10
∆I
CC
Increase in ICC per Input
VIH = VCC = 0.6V
2.3
− 3.6
500
µA
Symbol
Parameter
TA = −40°C to +85°C, RL = 500Ω
Units
VCC = 3.3V ± 0.3V
VCC = 2.7V
VCC = 2.5V ± 0.2V
CL = 50pF
CL = 50pF
CL = 30pF
Min.
Max.
Min.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay
1.5
6.5
1.5
7.5
1.5
7.8
ns
tPZL, tPZH
Output Enable Time
1.5
8.5
1.5
9.5
1.5
10.5
ns
tPLZ, tPHZ
Output Disable Time
1.5
7.5
1.5
8.5
1.5
9.0
ns
tOSHL, tOSLH
Output to Output Skew7
1.0
ns


Số phần tương tự - 74LCX541SJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LCX541SJ FAIRCHILD-74LCX541SJ Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX541SJ ONSEMI-74LCX541SJ Datasheet
693Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX541SJ FAIRCHILD-74LCX541SJ_08 Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results

Mô tả tương tự - 74LCX541SJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541_08 Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX241 FAIRCHILD-74LCX241 Datasheet
115Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX240 NSC-74LCX240 Datasheet
122Kb / 6P
   Low-Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX540 FAIRCHILD-74LCX540_07 Datasheet
750Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX540 ONSEMI-74LCX540 Datasheet
662Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.7.1
74LCX541 ONSEMI-74LCX541 Datasheet
693Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX540 FAIRCHILD-74LCX540_06 Datasheet
770Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com