công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

I202-2BL3-27.000 bảng dữ liệu(PDF) 1 Page - ILSI America LLC

tên linh kiện I202-2BL3-27.000
Giải thích chi tiết về linh kiện  Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ILSI [ILSI America LLC]
Trang chủ  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

I202-2BL3-27.000 bảng dữ liệu(HTML) 1 Page - ILSI America LLC

  I202-2BL3-27.000 Datasheet HTML 1Page - ILSI America LLC I202-2BL3-27.000 Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Leaded Oscillator, VCXO, TTL / HC-MOS
Metal Package, Full Size DIP and Half DIP
I202 / I203
Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
10/10_B
Specifications subject to change without notice
Page 1
20.7
5.1 Max.
6 Min.
0.048
0.36
6 Min.
5.1 Max.
0.36
0.48
7.62
7.62
7.62
15.24
12.6
12.6
12
3
4
4
1
2
3
Dimension Units: mm
I203 Package
I202 Package
Pin Connection
1 Control Voltage
2
GND
3
Output
4
Vcc
12.6
Product Features:
Applications:
CMOS/TTL Compatible Logic Levels
Server & Storage
Low Noise
Sonet /SDH
Compatible with Leadfree Processing
802.11 / Wifi
RoHS Compliant
T1/E1, T3/E3
NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 4) and GND (pin 2) to minimize power supply noise.
* Frequency, supply, and load related parameters. Frequency related, for additonal information contact your sales representative.
Frequency
1 MHz to 51.840 MHz
Output Level
HC-MOS
TTL
‘0’ = 0.1 Vcc Max., ‘1’ = 0.9 Vcc Min.
‘0’ = 0.4 VDC Max., ‘1’ = 2.4 VDC Min.
Duty Cycle
50% ±5%
Rise / Fall Time
10 nS Max.*
Output Load
HC-MOS
TTL
Fo < 50 MHz = 10 TTL, Fo > 50 MHz = 5 LSTTL
15 pF
Frequency Stability
See Frequency Stability Table
Supply Voltage
See Input Voltage Table, tolerance ±10 %
Current
50 mA Max.*
Control Voltage
1.65 VDC ±1.5 VDC for Vcc = 3.3 VDC, 2.5 VDC ±2.0 VDC for
VCC = 5.0 VDC
Slope
Positive
Jitter
<1.0 pS RMS (12 kHz to 20 MHz)**
Operating
See Operating Temperature Table in Part Number Guide
Storage
-55° C to +125° C
Part Number Guide
Sample Part Number: I202-1BC3-27.000 MHz
Package
Operating
Temperature
Frequency
Stability
Pullability
Supply Voltage
Frequency
I202 -
I203 -
1 = 0
° C to +70° C
F =
±20 ppm
B =
±50 ppm min.
5 = 5.0 VDC
- 27.000 MHz
3 = -20
° C to +70° C
X =
±30 ppm
C =
±100 ppm min.
3 = 3.3 VDC
4 = -30
° C to +75° C
B =
±50 ppm
K =
±150 ppm min.
2 = -40
° C to +85° C
C =
±100 ppm
L =
±200 ppm min.


Số phần tương tự - I202-2BL3-27.000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MicroPower Direct, LLC
I2021RW MPD-I2021RW Datasheet
230Kb / 2P
   Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
I2022RW MPD-I2022RW Datasheet
230Kb / 2P
   Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
I2023RW MPD-I2023RW Datasheet
230Kb / 2P
   Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
I2024RW MPD-I2024RW Datasheet
230Kb / 2P
   Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
More results

Mô tả tương tự - I202-2BL3-27.000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ILSI America LLC
I212 ILSI-I212 Datasheet
47Kb / 2P
   Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
HCOF ILSI-HCOF Datasheet
57Kb / 2P
   Metal Package Full Size DIP and Half DIP, TTL / HC-MOS
I401 ILSI-I401 Datasheet
43Kb / 2P
   Leaded Oscillator, OCXO Metal Package, Full Size DIP
I123 ILSI-I123 Datasheet
43Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
I121 ILSI-I121 Datasheet
51Kb / 2P
   Leaded Oscillator, TCXO, TCVCXO Metal Package, Full Size DIP
logo
Suntsu Electronics, Inc...
SVCHSC SUNTSU-SVCHSC Datasheet
381Kb / 3P
   Metal Half Size Dip CMOS VCXO
SVCFSC SUNTSU-SVCFSC Datasheet
374Kb / 3P
   Metal Full Size Dip CMOS VCXO
logo
Abracon Corporation
ACHL-25.000MHZ-EK ABRACON-ACHL-25.000MHZ-EK Datasheet
458Kb / 1P
   3.3Vdc ??HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP
logo
Suntsu Electronics, Inc...
SXOHSC SUNTSU-SXOHSC Datasheet
373Kb / 3P
   Metal Half Size DIP CMOS Oscillator
logo
Abracon Corporation
AHT ABRACON-AHT Datasheet
660Kb / 2P
   TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
10.23.10
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com