công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LCX374 bảng dữ liệu(PDF) 5 Page - Fairchild Semiconductor

tên linh kiện 74LCX374
Giải thích chi tiết về linh kiện  Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX374 bảng dữ liệu(HTML) 5 Page - Fairchild Semiconductor

  74LCX374 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX374 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX374 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX374 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX374 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX374 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX374 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX374 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX374 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
www.fairchildsemi.com
AC LOADING and WAVEFORMS Generic for LCX Family
FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance)
Waveform for Inverting and Non-Inverting Functions
Propagation Delay. Pulse Width and trec Waveforms
3-STATE Output Low Enable and
Disable Times for Logic
3-STATE Output High Enable and
Disable Times for Logic
Setup Time, Hold Time and Recovery Time for Logic
trise and tfall
FIGURE 2. Waveforms
(Input Characteristics; f =1MHz, tr = tf = 3ns)
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC 3.3 r 0.3V
VCC x 2 at VCC
2.5
r 0.2V
tPZH,tPHZ
GND
Symbol
VCC
3.3V
r 0.3V
2.7V
2.5V
r 0.2V
Vmi
1.5V
1.5V
VCC/2
Vmo
1.5V
1.5V
VCC/2
Vx
VOL  0.3V
VOL  0.3V
VOL  0.15V
Vy
VOH  0.3V
VOH  0.3V
VOH  0.15V


Số phần tương tự - 74LCX374

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
74LCX374 MOTOROLA-74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
74LCX374 ONSEMI-74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
STMicroelectronics
74LCX374 STMICROELECTRONICS-74LCX374 Datasheet
74Kb / 10P
   OCTAL D-TYPE FLIP FLOP NON INVERTING 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS
February 1999
logo
Toshiba Semiconductor
74LCX374 TOSHIBA-74LCX374 Datasheet
326Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
National Semiconductor ...
74LCX374 NSC-74LCX374 Datasheet
149Kb / 8P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
More results

Mô tả tương tự - 74LCX374

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74LCX574 FAIRCHILD-74LCX574 Datasheet
767Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_07 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_06 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX374F TOSHIBA-TC74LCX374F Datasheet
326Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ374FK TOSHIBA-TC7MZ374FK Datasheet
260Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX574F TOSHIBA-TC74LCX574F Datasheet
304Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
National Semiconductor ...
74LCX374 NSC-74LCX374 Datasheet
149Kb / 8P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX273 NSC-74LCX273 Datasheet
63Kb / 2P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374_08 Datasheet
671Kb / 15P
   74LCX374 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com