công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74FR240SJ bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor |
|
74FR240SJ bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor |
2 / 5 page www.fairchildsemi.com 2 Absolute Maximum Ratings(Note 1) Recommended Operating Conditions Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs. DC Electrical Characteristics Storage Temperature −65°C to +150°C Ambient Temperature under Bias −55°C to +125°C Junction Temperature under Bias −55°C to +150°C VCC Pin Potential to Ground Pin −0.5V to +7.0V Input Voltage (Note 2) −0.5V to +7.0V Input Current (Note 2) −30 mA to +5.0 mA Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output −0.5V to V CC 3-STATE Output −0.5V to +5.5V Current Applied to Output in LOW State (Max) Twice the Rated IOL (mA) ESD Last Passing Voltage (Min) 4000V Free Air Ambient Temperature 0 °C to +70°C Supply Voltage +4.5V to +5.5V Symbol Parameter Min Typ Max Units VCC Conditions VIH Input HIGH Voltage 2.0 V Recognized HIGH Signal VIL Input LOW Voltage 0.8 V Recognized LOW Signal VCD Input Clamp Diode Voltage −1.2 V Min IIN = −18 mA VOH Output HIGH Voltage 2.4 V Min IOH = −3 mA 2.0 V Min IOH = −15 mA VOL Output LOW Voltage 0.55 V Min IOL = 64 mA IIH Input HIGH Current 5 µAMax VIN = 2.7V IBVI Input HIGH Current 7 µAMax VIN = 7.0V Breakdown Test IIL Input Low Current −150 µAMax VIN = 0.5V VID Input Leakage Test 4.75 V 0.0 IID = 1.9 µA, All Other Pins Grounded IOD Output Circuit Leakage Current 3.75 µA0.0 VIOD = 150 mV, All Other Pins Grounded IOZH Output Leakage Current 20 µAMax VOUT = 2.7V IOZL Output Leakage Current −20 µAMax VOUT = 0.5V IOS Output Short-Circuit Current −100 −225 mA Max VOUT = 0.0V ICEX Output HIGH Leakage Current 50 µAMax VOUT = VCC IZZ Bus Drainage Test 100 µA0.0 VOUT = 5.25V ICCH Power Supply Current 9 13 mA Max All Outputs HIGH ICCL Power Supply Current 37 45 mA Max All Outputs LOW ICCZ Power Supply Current 31 38 mA Max Outputs 3-STATE CIN Input Capacitance 8.0 pF 5.0 |
Số phần tương tự - 74FR240SJ |
|
Mô tả tương tự - 74FR240SJ |