công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH162373T bảng dữ liệu(PDF) 6 Page - Fairchild Semiconductor

tên linh kiện 74ALVCH162373T
Giải thích chi tiết về linh kiện  Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVCH162373T bảng dữ liệu(HTML) 6 Page - Fairchild Semiconductor

  74ALVCH162373T Datasheet HTML 1Page - Fairchild Semiconductor 74ALVCH162373T Datasheet HTML 2Page - Fairchild Semiconductor 74ALVCH162373T Datasheet HTML 3Page - Fairchild Semiconductor 74ALVCH162373T Datasheet HTML 4Page - Fairchild Semiconductor 74ALVCH162373T Datasheet HTML 5Page - Fairchild Semiconductor 74ALVCH162373T Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Package Number MTD48
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


Số phần tương tự - 74ALVCH162373T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
74ALVCH162373DLG4 TI-74ALVCH162373DLG4 Datasheet
809Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ALVCH162373GRE4 TI-74ALVCH162373GRE4 Datasheet
809Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ALVCH162373GRG4 TI-74ALVCH162373GRG4 Datasheet
809Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ALVCH162373LRG4 TI-74ALVCH162373LRG4 Datasheet
809Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Integrated Device Techn...
74ALVCH162373PAG IDT-74ALVCH162373PAG Datasheet
95Kb / 6P
   3.3V CMOS 16-BIT TRANS- PARENT D-TYPE LATCH
More results

Mô tả tương tự - 74ALVCH162373T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VCXH162373 FAIRCHILD-74VCXH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373_05 Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
74LCXH162373 FAIRCHILD-74LCXH162373 Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74LCXH16373 FAIRCHILD-74LCXH16373 Datasheet
220Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCX162373 FAIRCHILD-74VCX162373 Datasheet
82Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74LCXH162244 FAIRCHILD-74LCXH162244 Datasheet
110Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26??Series Resistors in Outputs
74LCXH162374 FAIRCHILD-74LCXH162374 Datasheet
207Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26??Series Resistors in Outputs
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com