công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP2025 bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện MCP2025
Giải thích chi tiết về linh kiện  LIN Transceiver with Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025 bảng dữ liệu(HTML) 5 Page - Microchip Technology

  MCP2025 Datasheet HTML 1Page - Microchip Technology MCP2025 Datasheet HTML 2Page - Microchip Technology MCP2025 Datasheet HTML 3Page - Microchip Technology MCP2025 Datasheet HTML 4Page - Microchip Technology MCP2025 Datasheet HTML 5Page - Microchip Technology MCP2025 Datasheet HTML 6Page - Microchip Technology MCP2025 Datasheet HTML 7Page - Microchip Technology MCP2025 Datasheet HTML 8Page - Microchip Technology MCP2025 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
 2012 Microchip Technology Inc.
DS22306A-page 5
MCP2025
1.2
Pin Descriptions
Please refer to Table 1-2 for the pinout overview.
1.2.1
VBB
Battery Positive Supply Voltage pin. An external diode
is connected in series to prevent the device from being
reversely powered (refer to Figure 1-9).
1.2.2
VREG
Positive Supply Voltage Regulator Output pin. An on-
chip Low Dropout Regulator (LDO) gives +5.0 or +3.3V
70 mA regulated voltage on this pin.
1.2.3
VSS
Ground pin.
1.2.4
TXD
Transmit data input pin (TTL level, HV compliant,
adaptive pull-up). The transmitter reads the data
stream on the TXD pin and sends it to the LIN bus. The
LBUS pin is low (dominant) when TXD is low, and high
(recessive) when TXD is high.
The Transmit Data Input pin has an internal adaptive
pull-up
to
an
internally-generated
4.2V
(approximately). When TXD is ‘0’, a weak pull-up
(~900 kΩ) is used to reduce current. When TXD is ‘1’
a stronger pull-up (~300 kΩ) is used to maintain the
logic level. A series reverse-blocking diode allows
applying TXD input voltages greater than the internally
generated 4.2V and renders the TXD pin HV compliant
up to 30V (see Block Diagram).
1.2.5
RXD
Receive Data Output pin. The RXD pin is a standard
CMOS output pin and it follows the state of the LBUS
pin.
1.2.6
LBUS
LIN Bus pin. LBUS is a bidirectional LIN bus Interface
pin and is controlled by the signal TXD. It has an open
collector output with a current limitation. To reduce
ElectroMagnetic Emission, the slopes during signal
changes are controlled, and the LBUS pin has corner-
rounding control for both falling and rising edges.
The internal LIN receiver observes the activities on the
LIN bus, and generates the output signal RXD that
follows the state of the LBUS. A first degree 160 KHz,
low-pass
input
filter
optimizes
ElectroMagnetic
immunity.
1.2.7
CS/LWAKE
Chip Select and Local Wake-up Input pin (TTL level,
high voltage tolerant). This pin controls the device state
transition. Refer to Figure 1-1.
An internal pull-down resistor will keep the CS/LWAKE
pin low to ensure that no disruptive data will be present
on the bus while the microcontroller is executing a
POWER-ON RESET and I/O initialization sequence.
When CS/LWAKE is ‘1’, a weak pull-down (~600 KΩ) is
used to reduce current. When CS/LWAKE is ‘0’ a
stronger pull-down (~300 KΩ) is used to maintain the
logic level.
This pin may also be used as a local wake-up input
(See Figure 1-9). The microcontroller will set the I/O pin
to control the CS/LWAKE. An external switch, or other
source, can then wake-up both the transceiver and the
microcontroller.
1.2.8
RESET
RESET OUTPUT pin. This is an open drain output pin.
It indicates the internal voltage has reached a valid,
stable level. As long as the internal voltage is valid
(above 0.8VREG), this pin will present high impedance;
otherwise the RESET pin switches to ground.
TABLE 1-2:
PINOUT OVERVIEW
Note:
CS/LWAKE should NOT be tied directly to
pin VREG as this could force the
MCP2025 into OPERATION mode before
the microcontroller is initialized.
PIN Name
PIN Number
PIN Type
Function
VREG
8
Output
Voltage regulator output
VSS
3
Power
Ground
VBB
1
Power
Battery
TXD
6
Input, HV-tolerant
Transmit data input
RXD
5
Output
Receive data output
LBUS
4
I/O, HV
LIN Bus
CS/LWAKE
2
TTL Input, HV-tolerant
Chip Select and Local Wake-up input
RESET
7
Open Drain Output, HV-
tolerant
Reset output


Số phần tương tự - MCP2025

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP2025-330E/MD MICROCHIP-MCP2025-330E/MD Datasheet
1Mb / 38P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2025-330E/P MICROCHIP-MCP2025-330E/P Datasheet
1Mb / 38P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2025-330E/SN MICROCHIP-MCP2025-330E/SN Datasheet
1Mb / 38P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2025-500E/MD MICROCHIP-MCP2025-500E/MD Datasheet
1Mb / 38P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2025-500E/P MICROCHIP-MCP2025-500E/P Datasheet
1Mb / 38P
   LIN Transceiver with Voltage Regulator
03/25/14
More results

Mô tả tương tự - MCP2025

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2021 MICROCHIP-MCP2021_12 Datasheet
1Mb / 52P
   LIN Transceiver with Voltage Regulator
2005-2012
logo
Melexis Microelectronic...
TH8062 MELEXIS-TH8062 Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com