công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMSF7N03HD bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MMSF7N03HD
Giải thích chi tiết về linh kiện  SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMSF7N03HD bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MMSF7N03HD Datasheet HTML 1Page - Motorola, Inc MMSF7N03HD Datasheet HTML 2Page - Motorola, Inc MMSF7N03HD Datasheet HTML 3Page - Motorola, Inc MMSF7N03HD Datasheet HTML 4Page - Motorola, Inc MMSF7N03HD Datasheet HTML 5Page - Motorola, Inc MMSF7N03HD Datasheet HTML 6Page - Motorola, Inc MMSF7N03HD Datasheet HTML 7Page - Motorola, Inc MMSF7N03HD Datasheet HTML 8Page - Motorola, Inc MMSF7N03HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MMSF7N03HD
4
Motorola TMOS Power MOSFET Transistor Device Data
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted
by recognizing that the power MOSFET is charge controlled.
The lengths of various switching intervals (
∆t) are deter-
mined by how fast the FET input capacitance can be charged
by current from the generator.
The published capacitance data is difficult to use for calculat-
ing rise and fall because drain–gate capacitance varies
greatly with applied voltage. Accordingly, gate charge data is
used. In most cases, a satisfactory estimate of average input
current (IG(AV)) can be made from a rudimentary analysis of
the drive circuit so that
t = Q/IG(AV)
During the rise and fall time interval when switching a resis-
tive load, VGS remains virtually constant at a level known as
the plateau voltage, VSGP. Therefore, rise and fall times may
be approximated by the following:
tr = Q2 x RG/(VGG – VGSP)
tf = Q2 x RG/VGSP
where
VGG = the gate drive voltage, which varies from zero to VGG
RG = the gate drive resistance
and Q2 and VGSP are read from the gate charge curve.
During the turn–on and turn–off delay times, gate current is
not constant. The simplest calculation uses appropriate val-
ues from the capacitance curves in a standard equation for
voltage change in an RC network. The equations are:
td(on) = RG Ciss In [VGG/(VGG – VGSP)]
td(off) = RG Ciss In (VGG/VGSP)
The capacitance (Ciss) is read from the capacitance curve at
a voltage corresponding to the off–state condition when cal-
culating td(on) and is read at a voltage corresponding to the
on–state when calculating td(off).
At high switching speeds, parasitic circuit elements com-
plicate the analysis. The inductance of the MOSFET source
lead, inside the package and in the circuit wiring which is
common to both the drain and gate current paths, produces a
voltage at the source which reduces the gate drive current.
The voltage is determined by Ldi/dt, but since di/dt is a func-
tion of drain current, the mathematical solution is complex.
The MOSFET output capacitance also complicates the
mathematics. And finally, MOSFETs have finite internal gate
resistance which effectively adds to the resistance of the
driving source, but the internal resistance is difficult to mea-
sure and, consequently, is not specified.
The resistive switching time variation versus gate resis-
tance (Figure 9) shows how typical switching performance is
affected by the parasitic circuit elements. If the parasitics
were not present, the slope of the curves would maintain a
value of unity regardless of the switching speed. The circuit
used to obtain the data is constructed to minimize common
inductance in the drain and gate circuit loops and is believed
readily achievable with board mounted components. Most
power electronic loads are inductive; the data in the figure is
taken with a resistive load, which approximates an optimally
snubbed inductive load. Power MOSFETs may be safely op-
erated into an inductive load; however, snubbing reduces
switching losses.
GATE–TO–SOURCE OR DRAIN–TO–SOURCE VOLTAGE (Volts)
1500
2000
2500
3500
Figure 7. Capacitance Variation
3000
10
0
10
15
20
VGS
VDS
5
5
TJ = 25°C
Ciss
Coss
Crss
1000
500
VDS = 0 V
VGS = 0 V
Ciss
Crss
0
25
30
4000


Số phần tương tự - MMSF7N03HD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MMSF7N03HD ONSEMI-MMSF7N03HD Datasheet
259Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
MMSF7N03HDR2 ONSEMI-MMSF7N03HDR2 Datasheet
259Kb / 12P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results

Mô tả tương tự - MMSF7N03HD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MMSF10N03Z MOTOROLA-MMSF10N03Z Datasheet
196Kb / 10P
   SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS
MMSF3305 MOTOROLA-MMSF3305 Datasheet
80Kb / 4P
   SINGLE TMOS POWER MOSFET 9.1 AMPERES 30 VOLTS
MMSF5N03HD MOTOROLA-MMSF5N03HD Datasheet
294Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 30 VOLTS
MMSF7N03Z MOTOROLA-MMSF7N03Z Datasheet
193Kb / 10P
   SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS
logo
New Jersey Semi-Conduct...
MTP8N50E NJSEMI-MTP8N50E Datasheet
122Kb / 2P
   TMOS POWER FET 8.0 AMPERES 500 VOLTS
logo
Motorola, Inc
MTB8N50E MOTOROLA-MTB8N50E Datasheet
162Kb / 6P
   TMOS POWER FET 8.0 AMPERES 500 VOLTS
MMSF3P03HD MOTOROLA-MMSF3P03HD Datasheet
316Kb / 10P
   SINGLE TMOS POWER FET 3.0 AMPERES 30 VOLTS
MMFT6N03HD MOTOROLA-MMFT6N03HD Datasheet
74Kb / 4P
   TMOS POWER 6.0 AMPERES 30 VOLTS
MMDF3N03HD MOTOROLA-MMDF3N03HD Datasheet
281Kb / 10P
   DUAL TMOS POWER MOSFET 4.1 AMPERES 30 VOLTS
MMSF7P03HD MOTOROLA-MMSF7P03HD Datasheet
214Kb / 10P
   SINGLE TMOS POWER MOSFET 30 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com