công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74ACTQ843SPC bảng dữ liệu(PDF) 8 Page - Fairchild Semiconductor |
|
74ACTQ843SPC bảng dữ liệu(HTML) 8 Page - Fairchild Semiconductor |
8 / 8 page Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be rea- sonably expected to result in a significant injury to the user. 2. A critical component in any component of a life support device or system whose failure to perform can be rea- sonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-100, 0.300” Wide Package Number N24C |
Số phần tương tự - 74ACTQ843SPC |
|
Mô tả tương tự - 74ACTQ843SPC |