công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5260BRUZ200-RL7 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD5260BRUZ200-RL7
Giải thích chi tiết về linh kiện  1-/2-Channel 15 V Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5260BRUZ200-RL7 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD5260BRUZ200-RL7 Datasheet HTML 1Page - Analog Devices AD5260BRUZ200-RL7 Datasheet HTML 2Page - Analog Devices AD5260BRUZ200-RL7 Datasheet HTML 3Page - Analog Devices AD5260BRUZ200-RL7 Datasheet HTML 4Page - Analog Devices AD5260BRUZ200-RL7 Datasheet HTML 5Page - Analog Devices AD5260BRUZ200-RL7 Datasheet HTML 6Page - Analog Devices AD5260BRUZ200-RL7 Datasheet HTML 7Page - Analog Devices AD5260BRUZ200-RL7 Datasheet HTML 8Page - Analog Devices AD5260BRUZ200-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1-/2-Channel 15 V Digital Potentiometer
AD5260/AD5262
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2010 Analog Devices, Inc. All rights reserved.
FEATURES
256 positions
AD5260: 1 channel
AD5262: 2 channels (independently programmable)
Potentiometer replacement
20 kΩ, 50 kΩ, 200 kΩ
Low temperature coefficient: 35 ppm/°C
4-wire, SPI-compatible serial data input
5 V to 15 V single-supply; ±5.5 V dual-supply operation
Power on midscale preset
APPLICATIONS
Mechanical potentiometer replacement
Instrumentation: gain, offset adjustment
Stereo channel audio level control
Programmable voltage-to-current conversion
Programmable filters, delays, time constants
Line impedance matching
Low resolution DAC replacement
GENERAL DESCRIPTION
The AD5260/AD5262 provide a single- or dual-channel, 256-
position, digitally controlled variable resistor (VR) device.1
These devices perform the same electronic adjustment function
as a potentiometer or variable resistor. Each channel of the
AD5260/AD5262 contains a fixed resistor with a wiper contact
that taps the fixed resistor value at a point determined by a
digital code loaded into the SPI-compatible serial-input register.
The resistance between the wiper and either end point of the
fixed resistor varies linearly with respect to the digital code
transferred into the VR latch. The variable resistor offers a
completely programmable value of resistance, between the A
terminal and the wiper or the B terminal and the wiper. The
fixed A-to-B terminal resistance of 20 Ω, 50 Ω, or 200 Ω has a
nominal temperature coefficient of 35 ppm/°C. Unlike the
majority of the digital potentiometers in the market, these
devices can operate up to 15 V or ±5 V provided proper supply
voltages are furnished.
Each VR has its own VR latch that holds its programmed
resistance value. These VR latches are updated from an internal
serial-to-parallel shift register, which is loaded from a standard
3-wire serial-input digital interface. The AD5260 contains an
8-bit serial register whereas the AD5262 contains a 9-bit serial
register. Each bit is clocked into the register on the positive
FUNCTIONAL BLOCK DIAGRAMS
RDAC
REGISTER
LOGIC
8
POWER-ON
RESET
SERIAL INPUT REGISTER
AD5260
SHDN
VDD
VSS
VL
CS
CLK
SDI
GND
A
WB
SDO
PR
Figure 1. AD5260
RDAC1
REGISTER
RDAC2
REGISTER
LOGIC
8
POWER-ON
RESET
SERIAL INPUT REGISTER
AD5262
SHDN
VDD
VSS
VL
CS
CLK
SDI
GND
A1W1
B1
A2
W2 B2
SDO
PR
Figure 2. AD5262
edge of the CLK pin. The AD5262 address bit determines the
corresponding VR latch to be loaded with the last eight bits of
the data word during the positive edging of CS strobe. A serial
data output pin at the opposite end of the serial register enables
simple daisy-chaining in multiple VR applications without
additional external decoding logic. An optional reset pin (PR)
forces the wiper to the midscale position by loading 0x80 into
the VR latch.
The AD5260/AD5262 are available in thin surface-mount
14-lead TSSOP and 16-lead TSSOP packages. All parts are
guaranteed to operate over the extended industrial temperature
range of −40°C to +85°C.
1 The terms digital potentiometers, VR, and RDAC are used interchangeably.


Số phần tương tự - AD5260BRUZ200-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5260BRU20 AD-AD5260BRU20 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5260BRU20-REEL7 AD-AD5260BRU20-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5260BRU200 AD-AD5260BRU200 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5260BRU200-REEL7 AD-AD5260BRU200-REEL7 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5260BRU50 AD-AD5260BRU50 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
More results

Mô tả tương tự - AD5260BRUZ200-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD7376 AD-AD7376 Datasheet
335Kb / 12P
   -15 V Operation Digital Potentiometer
REV. 0
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD7376 AD-AD7376_15 Datasheet
452Kb / 20P
   30 V/15 V Operation 128-Position Digital Potentiometer
REV. D
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207 AD-AD5207_15 Datasheet
703Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5207BRUZ10 AD-AD5207BRUZ10 Datasheet
631Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
Dallas Semiconductor
DS2890 DALLAS-DS2890 Datasheet
939Kb / 27P
   1-Wire Digital Potentiometer
logo
Maxim Integrated Produc...
DS2890 MAXIM-DS2890 Datasheet
977Kb / 27P
   1-Wire Digital Potentiometer
012207
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com