công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ACQ240SCX bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện 74ACQ240SCX
Giải thích chi tiết về linh kiện  Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACQ240SCX bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  74ACQ240SCX Datasheet HTML 1Page - Fairchild Semiconductor 74ACQ240SCX Datasheet HTML 2Page - Fairchild Semiconductor 74ACQ240SCX Datasheet HTML 3Page - Fairchild Semiconductor 74ACQ240SCX Datasheet HTML 4Page - Fairchild Semiconductor 74ACQ240SCX Datasheet HTML 5Page - Fairchild Semiconductor 74ACQ240SCX Datasheet HTML 6Page - Fairchild Semiconductor 74ACQ240SCX Datasheet HTML 7Page - Fairchild Semiconductor 74ACQ240SCX Datasheet HTML 8Page - Fairchild Semiconductor 74ACQ240SCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics for ACQ (Continued)
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Note 5: Plastic DIP package.
Note 6: Max number of outputs defined as (n). Data inputs are driven 0V to 5V. One output @ GND.
Note 7: Max number of data inputs (n) switching. (n
−1) inputs switching 0V to 5V (ACQ). Input-under-test switching: 5V to threshold (V
ILD),
0V to threshold (VIHD), f = 1 MHz.
DC Electrical Characteristics for ACTQ
Note 8: All outputs loaded; thresholds on input associated with output under test.
Note 9: Maximum test duration 2.0 ms, one output loaded at a time.
Note 10: Plastic DIP package.
Note 11: Max number of Data Inputs defined as (n). n
−1 Data Inputs are driven 0V to 3V. One Data Input @ V
IN = GND.
Note 12: Max number of Data Inputs (n) switching. (n
−1) Inputs switching 0V to 3V (ACTQ). Input-under-test switching: 3V to threshold (V
ILD),
0V to threshold (VIHD), f = 1 MHz.
Symbol
Parameter
VCC
TA = +25°C
TA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VOLP
Quiet Output
5.0
1.1
1.5
V
Figures 1, 2
Maximum Dynamic VOL
(Note 5)(Note 6)
VOLV
Quiet Output
5.0
−0.6
−1.2
V
Figures 1, 2
Minimum Dynamic VOL
(Note 5)(Note 6)
VIHD
Minimum HIGH Level Dynamic Input Voltage
5.0
3.1
3.5
V
(Note 5)(Note 7)
VILD
Maximum LOW Level Dynamic Input Voltage
5.0
1.9
1.5
V
(Note 5)(Note 7)
Symbol
Parameter
VCC
TA = +25°C
TA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC − 0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC − 0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
VIOUT = −50 µA
Output Voltage
5.5
5.49
5.4
5.4
VIN = VIL or VIH
4.5
3.86
3.76
V
IOH = −24 mA
5.5
4.86
4.76
IOH = −24 mA (Note 8)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
VIOUT = 50 µA
Output Voltage
5.5
0.001
0.1
0.1
VIN = VIL or VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 8)
IIN
Maximum Input Leakage Current
5.5
±0.1
±1.0
µAV
I = VCC, GND
IOZ
Maximum 3-STATE
5.5
±0.25
±2.5
µA
VI = VIL, VIH
Leakage Current
VO = VCC, GND
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI = VCC − 2.1V
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 9)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent Supply Current
5.5
4.0
40.0
µAV
IN = VCC or GND
VOLP
Quiet Output Maximum
5.0
1.1
1.5
V
Figures 1, 2
Dynamic VOL
(Note 10)(Note 11)
VOLV
Quiet Output Minimum
5.0
−0.6
−1.2
V
Figures 1, 2
Dynamic VOL
(Note 10)(Note 11)
VIHD
Minimum HIGH Level Dynamic Input Voltage
5.0
1.9
2.2
V
(Note 10)(Note 12)
VILD
Maximum LOW Level Dynamic Input Voltage
5.0
1.2
0.8
V
(Note 10)(Note 12)


Số phần tương tự - 74ACQ240SCX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ACQ240SC FAIRCHILD-74ACQ240SC Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
More results

Mô tả tương tự - 74ACQ240SCX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ACQ240 FAIRCHILD-74ACQ240_07 Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244 Datasheet
103Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541_07 Datasheet
381Kb / 9P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244_07 Datasheet
307Kb / 12P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ244QSCX FAIRCHILD-74ACTQ244QSCX Datasheet
110Kb / 10P
   Quiet Series田?Octal Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
54ACQ240 TI1-54ACQ240 Datasheet
189Kb / 10P
[Old version datasheet]   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ244 NSC-54ACQ244 Datasheet
140Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ241 NSC-54ACTQ241 Datasheet
139Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com