công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ACTQ544 bảng dữ liệu(PDF) 5 Page - Fairchild Semiconductor

tên linh kiện 74ACTQ544
Giải thích chi tiết về linh kiện  Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ544 bảng dữ liệu(HTML) 5 Page - Fairchild Semiconductor

  74ACTQ544 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ544 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ544 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ544 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ544 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ544 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ544 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ544 Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ544 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics for ACQ
Note 13: Voltage Range 5.0 is 5.0V
± 0.5V
Voltage Range 3.3 is 3.3V
± 0.3V
Note 14: Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs within the same packaged device.
The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by
design. Not tested.
AC Operating Requirements for ACQ
Note 15: Voltage Range 5.0 is 5.0V
± 0.5V
Voltage Range 3.3 is 3.0V
± 0.3V
VCC
TA = +25°CTA = − 40°C to + 85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 13)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
8.0
11.0
1.5
12.0
tPHL
Transparent Mode
5.0
1.5
5.0
7.5
1.5
8.0
ns
An to Bn or Bn to An
tPLH
Propagation Delay
3.3
1.5
8.5
12.0
1.5
12.5
ns
tPHL
LEBA, LEAB to An, Bn
5.0
1.5
6.0
8.0
1.5
8.5
Output Enable Time
3.3
1.5
10.0
14.0
1.5
15.0
tPZH
OEBA or OEAB to An or Bn
5.0
1.5
7.0
9.5
1.5
10.0
ns
tPZL
CEBA or CEAB to An or Bn
Output Disable Time
3.3
1.0
7.5
10.5
1.0
11.0
tPHZ
OEBA or OEAB to An or Bn
5.0
1.0
5.0
7.0
1.0
7.5
ns
tPLZ
CEBA or CEAB to An or Bn
tOSHL
Output to Output
3.3
1.0
1.5
1.5
ns
tOSLH
Skew (Note 14)
5.0
0.5
1.0
1.0
VCC
TA = +25°CTA = − 40°C to + 85°C
Symbol
Parameter
(V)
CL = 50 pF
CL = 50 pF
Units
(Note 15)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
3.3
3.0
3.0
ns
An or Bn to LEBA or LEAB
5.0
tH
Hold Time, HIGH or LOW
3.3
1.5
1.5
ns
An or Bn to LEBA or LEAB
5.0
tW
Latch Enable, B to A
3.3
4.0
4.0
ns
Pulse Width, LOW
5.0


Số phần tương tự - 74ACTQ544

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
381Kb / 9P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541MTC FAIRCHILD-74ACTQ541MTC Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541MTC FAIRCHILD-74ACTQ541MTC Datasheet
381Kb / 9P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541PC FAIRCHILD-74ACTQ541PC Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
More results

Mô tả tương tự - 74ACTQ544

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ACQ543 FAIRCHILD-74ACQ543 Datasheet
93Kb / 9P
   Quiet Series??Octal Registered Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ543 NSC-54ACTQ543 Datasheet
156Kb / 10P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
54ACTQ544 NSC-54ACTQ544 Datasheet
144Kb / 8P
   Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74ACQ646 FAIRCHILD-74ACQ646 Datasheet
97Kb / 10P
   Quiet Series??Octal Transceiver/Register with 3-STATE Outputs
logo
National Semiconductor ...
54ACTQ646 NSC-54ACTQ646 Datasheet
186Kb / 9P
   Quiet Series Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI1-SN74F543_15 Datasheet
506Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI1-SN74LVC543A_16 Datasheet
823Kb / 16P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com