công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74AC02SCX-NLX bảng dữ liệu(PDF) 3 Page - Fairchild Semiconductor |
|
74AC02SCX-NLX bảng dữ liệu(HTML) 3 Page - Fairchild Semiconductor |
3 / 7 page 3 www.fairchildsemi.com DC Electrical Characteristics for ACT Note 6: All outputs loaded; thresholds on input associated with output under test. Note 7: Maximum test duration 2.0 ms, one output loaded at a time. AC Electrical Characteristics for AC Note 8: Voltage Range 3.3 is 3.3V r 0.3V Voltage Range 5.0 is 5.0V r 0.5V AC Electrical Characteristics for ACT Note 9: Voltage Range 5.0 is 5.0V r 0.5V Capacitance Symbol Parameter VCC TA 25qCTA 40qC to 85qC Units Conditions (V) Typ Guaranteed Limits VIH Minimum HIGH Level 4.5 1.5 2.0 2.0 V VOUT 0.1V or Input Voltage 5.5 1.5 2.0 2.0 VCC 0.1V VIL Maximum LOW Level 4.5 1.5 0.8 0.8 V VOUT 0.1V or Input Voltage 5.5 1.5 0.8 0.8 VCC 0.1V VOH Minimum HIGH Level 4.5 4.49 4.4 4.4 V IOUT 50 PA Output Voltage 5.5 5.49 5.4 5.4 VIN VIL or VIH 4.5 3.86 3.76 V IOH 24 mA 5.5 4.86 4.76 IOH 24 mA (Note 6) VOL Maximum LOW Level 4.5 0.001 0.1 0.1 V IOUT 50 PA Output Voltage 5.5 0.001 0.1 0.1 VIN VIL or VIH 4.5 0.36 0.44 V IOL 24 mA 5.5 0.36 0.44 IOL 24 mA (Note 6) IIN Maximum Input 5.5 r0.1 r1.0 PAVI VCC, GND Leakage Current ICCT Maximum ICC/Input 5.5 0.6 1.5 mA VI VCC 2.1V IOLD Minimum Dynamic 5.5 75 mA VOLD 1.65V Max IOHD Output Current (Note 7) 5.5 75 mA VOHD 3.85V Min ICC Maximum Quiescent 5.5 4.0 40.0 PAVIN VCC or GND Supply Current VCC TA 25qC TA 40qCto 85qC Symbol Parameter (V) CL 50 pF CL 50 pF Units (Note 8) Min Typ Max Min Max tPLH Propagation Delay 3.3 1.5 5.0 7.5 1.0 8.0 ns 5.0 1.5 4.0 6.0 1.0 6.5 tPHL Propagation Delay 3.3 1.5 5.0 7.5 1.0 8.0 ns 5.0 1.5 4.5 6.5 1.0 7.0 VCC TA 25qCTA 40qCto 85qC Symbol Parameter (V) CL 50 pF CL 50 pF Units (Note 9) Min Typ Max Min Max tPLH Propagation Delay 5.0 1.0 6.0 8.5 1.0 9.0 ns tPHL Propagation Delay 5.0 1.0 6.5 9.5 1.0 10.0 ns Symbol Parameter Typ Units Conditions CIN Input Capacitance 4.5 pF VCC OPEN CPD Power Dissipation Capacitance 30.0 pF VCC 5.0V |
Số phần tương tự - 74AC02SCX-NLX |
|
Mô tả tương tự - 74AC02SCX-NLX |