công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT899 bảng dữ liệu(PDF) 9 Page - Fairchild Semiconductor

tên linh kiện 74ABT899
Giải thích chi tiết về linh kiện  9-Bit Latchable Transceiver with Parity Generator/Checker
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT899 bảng dữ liệu(HTML) 9 Page - Fairchild Semiconductor

Back Button 74ABT899 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT899 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT899 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT899 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT899 Datasheet HTML 9Page - Fairchild Semiconductor 74ABT899 Datasheet HTML 10Page - Fairchild Semiconductor 74ABT899 Datasheet HTML 11Page - Fairchild Semiconductor 74ABT899 Datasheet HTML 12Page - Fairchild Semiconductor 74ABT899 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
www.fairchildsemi.com
Skew
(PLCC package)
(Note 2)
Note 19: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase (i.e., all LOW-to-
HIGH, HIGH-to-LOW, etc.).
Note 20: This specification is guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load.
Note 21: Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate outputs of the same device.
The specification applies to any outputs switching HIGH to LOW (tOSHL), LOW to HIGH (tOSLH), or any combination switching LOW to HIGH and/or HIGH to
LOW (tOST). This specification is guaranteed but not tested. Skew applies to propagation delays individually; i.e., An to Bn separate from LEA to An.
Note 22: This describes the difference between the delay of the LOW-to-HIGH and the HIGH-to-LOW transition on the same pin. It is measured across all
the outputs (drivers) on the same chip, the worst (largest delta) number is the guaranteed specification. This specification is guaranteed but not tested.
Note 23: Propagation delay variation for a given set of conditions (i.e., temperature and VCC) from device to device. This specification is guaranteed but not
tested.
Capacitance
Note 24: CI/O is measured at frequency, f = 1 MHz, per MIL-STD-883B, Method 3012.
Symbol
Parameter
TA = −40°C to +85°CTA = −40°C to +85°C
Units
VCC = 4.5V–5.5V
VCC = 4.5V–5.5V
CL = 50 pF
CL = 250 pF
9 Outputs Switching
9 Outputs Switching
(Note 19)
(Note 20)
Max
Max
tOSHL
Pin to Pin Skew
1.0
2.0
ns
(Note 21)
HL Transitions
tOSLH
Pin to Pin Skew
1.1
2.1
ns
(Note 21)
LH Transitions
tPS
Duty Cycle
2.0
3.5
ns
(Note 22)
LH–HL Skew
tOST
Pin to Pin Skew
2.0
3.5
ns
(Note 21)
LH/HL Transitions
tPV
Device to Device Skew
3.0
4.0
ns
(Note 23)
LH/HL Transitions
Symbol
Parameter
Typ
Units
Conditions
TA = 25°C
CIN
Input Pin Capacitance
5.0
pF
VCC = 0V
CI/O (Note 24)
Output Capacitance
11.0
pF
VCC = 5.0V


Số phần tương tự - 74ABT899

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT899 PHILIPS-74ABT899 Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
74ABT899A PHILIPS-74ABT899A Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
74ABT899D PHILIPS-74ABT899D Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
74ABT899DB PHILIPS-74ABT899DB Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
More results

Mô tả tương tự - 74ABT899

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com