công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT646CMSA bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện 74ABT646CMSA
Giải thích chi tiết về linh kiện  Octal Transceivers and Registers with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT646CMSA bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  74ABT646CMSA Datasheet HTML 1Page - Fairchild Semiconductor 74ABT646CMSA Datasheet HTML 2Page - Fairchild Semiconductor 74ABT646CMSA Datasheet HTML 3Page - Fairchild Semiconductor 74ABT646CMSA Datasheet HTML 4Page - Fairchild Semiconductor 74ABT646CMSA Datasheet HTML 5Page - Fairchild Semiconductor 74ABT646CMSA Datasheet HTML 6Page - Fairchild Semiconductor 74ABT646CMSA Datasheet HTML 7Page - Fairchild Semiconductor 74ABT646CMSA Datasheet HTML 8Page - Fairchild Semiconductor 74ABT646CMSA Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
 = LOW-to-HIGH Transition
Note 1: The data output functions may be enabled or disabled by various signals at the OE and DIR inputs. Data input functions are always enabled;
i.e., data at the bus pins will be stored on every LOW-to-HIGH transition of the appropriate clock inputs.
Real Time Transfer
A-Bus to B-Bus
FIGURE 1.
Real Time Transfer
B-Bus to A-Bus
FIGURE 2.
Storage from
Bus to Register
FIGURE 3.
Transfer from
Register to Bus
FIGURE 4.
Inputs
Data I/O
(Note 1)
Function
OE
DIR
CPAB
CPBA
SAB
SBA
A0–A7 B0–B7
H
X
H or L
H or L
X
X
Isolation
H
X

X
X
X
Input
Input
Clock An Data into A Register
H
X
X

X
X
Clock Bn Data into B Register
L
H
X
X
L
X
An to Bn—Real Time (Transparent Mode)
L
H

X
L
X
Input
Output Clock An Data into A Register
L
H
H or L
X
H
X
A Register to Bn (Stored Mode)
L
H

X
H
X
Clock An Data into A Register and Output to Bn
L
L
X
X
X
L
Bn to An—Real Time (Transparent Mode)
L
L
X

X
L
Output
Input
Clock Bn Data into B Register
L
L
X
H or L
X
H
B Register to An (Stored Mode)
L
L
X

X
H
Clock Bn Data into B Register and Output to An


Số phần tương tự - 74ABT646CMSA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74ABT646AD PHILIPS-74ABT646AD Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74ABT646AD NXP-74ABT646AD Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74ABT646ADB PHILIPS-74ABT646ADB Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
More results

Mô tả tương tự - 74ABT646CMSA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ABT652 FAIRCHILD-74ABT652 Datasheet
92Kb / 10P
   Octal Transceivers and Registers with 3-STATE Outputs
logo
National Semiconductor ...
MN54ABT646-X NSC-MN54ABT646-X Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI1-SN54ALS646_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646A TI-SN54ABT646A_07 Datasheet
528Kb / 24P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652_00 Datasheet
700Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT651 TI-SN54ABT651_08 Datasheet
362Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com