công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT646 bảng dữ liệu(PDF) 4 Page - Fairchild Semiconductor

tên linh kiện 74ABT646
Giải thích chi tiết về linh kiện  Octal Transceivers and Registers with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT646 bảng dữ liệu(HTML) 4 Page - Fairchild Semiconductor

  74ABT646 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT646 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT646 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT646 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT646 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT646 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT646 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT646 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT646 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Note 4: Guaranteed but not tested.
Note 5: For 8-bit toggling, ICCD < 1.4 mA/MHz.
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 3)
−0.5V to +7.0V
Input Current (Note 3)
−30 mA to +5.0 mA
Voltage Applied to Any Output
in the Disable or
Power-Off State
−0.5V to +5.5V
in the HIGH State
−0.5V to V
CC
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
DC Latchup Source Current
−500 mA
Over Voltage Latchup (I/O)
10V
Free Air Ambient Temperature
−40°C to +85°C
Supply Voltage
+4.5V to +5.5V
Minimum Input Edge Rate (
∆V/∆t)
Data Input
50 mV/ns
Enable Input
20 mV/ns
Clock Input
100 mV/ns
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA (Non I/O Pins)
VOH
Output HIGH Voltage
2.5
IOH = −3 mA, (An, Bn)
2.0
IOH = −32 mA, (An, Bn)
VOL
Output LOW Voltage
0.55
IOL = 64 mA, (An, Bn)
VID
Input Leakage Test
4.75
V
0.0
IID = 1.9 µA, (Non-I/O Pins)
All Other Pins Grounded
IIH
Input HIGH Current
1
µA
Max
VIN = 2.7V (Non-I/O Pins) (Note 4)
1
VIN = VCC (Non-I/O Pins)
IBVI
Input HIGH Current
7
µA
Max
VIN = 7.0V (Non-I/O Pins)
Breakdown Test
IBVIT
Input HIGH Current
100
µA
Max
VIN = 5.5V (An, Bn)
Breakdown Test (I/O)
IIL
Input LOW Current
−1
µA
Max
VIN = 0.5V (Non-I/O Pins) (Note 4)
−1
VIN = 0.0V (Non-I/O Pins)
IIH + IOZH Output Leakage Current
10
µA
0V–5.5V
VOUT = 2.7V (An, Bn); OE = 2.0V
IIL + IOZL
Output Leakage Current
−10
µA
0V–5.5V
VOUT = 0.5V (An, Bn); OE = 2.0V
IOS
Output Short-Circuit Current
−100
−275
mA
Max
VOUT = 0V (An, Bn)
ICEX
Output HIGH Leakage Current
50
µA
Max
VOUT = VCC (An, Bn)
IZZ
Bus Drainage Test
100
µA
0.0V
VOUT = 5.5V (An, Bn);
All Others GND
ICCH
Power Supply Current
250
µA
Max
All Outputs HIGH
ICCL
Power Supply Current
30
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
50
µA
Max
Outputs 3-STATE; All Others GND
ICCT
Additional ICC/Input
2.5
mA
Max
VI = VCC − 2.1V
All Other Outputs at VCC or GND
ICCD
Dynamic ICC
No Load
Outputs OPEN
(Note 4)
0.18
mA/MHz
Max
OE and DIR
= GND,
Non-I/O
= GND or V
CC (Note 5)
One Bit toggling, 50% duty cycle


Số phần tương tự - 74ABT646

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74ABT646AD PHILIPS-74ABT646AD Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74ABT646AD NXP-74ABT646AD Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74ABT646ADB PHILIPS-74ABT646ADB Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
More results

Mô tả tương tự - 74ABT646

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74ABT652 FAIRCHILD-74ABT652 Datasheet
92Kb / 10P
   Octal Transceivers and Registers with 3-STATE Outputs
logo
National Semiconductor ...
MN54ABT646-X NSC-MN54ABT646-X Datasheet
35Kb / 9P
   OCTAL TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI1-SN54ALS646_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646A TI-SN54ABT646A_07 Datasheet
528Kb / 24P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652_00 Datasheet
700Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT651 TI-SN54ABT651_08 Datasheet
362Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com