công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ABT541CSC bảng dữ liệu(PDF) 5 Page - Fairchild Semiconductor

tên linh kiện 74ABT541CSC
Giải thích chi tiết về linh kiện  Octal Buffer/Line Driver with 3-STATE Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT541CSC bảng dữ liệu(HTML) 5 Page - Fairchild Semiconductor

  74ABT541CSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT541CSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT541CSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT541CSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT541CSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT541CSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT541CSC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT541CSC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT541CSC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT541 Rev. 1.4
5
Extended AC Electrical Characteristics
SOIC package.
Notes:
7. This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described
switching in phase (i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.).
8. This specification is guaranteed but not tested. The limits represent propagation delay with 250pF load capacitors
in place of the 50pF load capacitors in the standard AC load. This specification pertains to single output switching
only.
9. This specification is guaranteed but not tested. The limits represent propagation delays for all paths described
switching in phase (i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.) with 250pF load capacitors in place of the 50pF load
capacitors in the standard AC load.
10. The 3-STATE delays are dominated by the RC network (500
Ω, 250pF) on the output and have been excluded from
the datasheet.
Symbol
Parameter
–40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 50pF,
8 Outputs
Switching(7)
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 250pF,
1 Output
Switching(8)
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 250pF,
8 Outputs
Switching(9)
Units
Min.
Typ.
Max.
Min.
Max.
Mi.n
Max.
fTOGGLE Max Toggle
Frequency
100
MHz
tPLH
Propagation Delay,
Data to Outputs
1.5
5.0
1.5
6.0
2.5
8.5
ns
tPHL
1.5
5.0
1.5
6.0
2.5
8.5
tPZH
Output Enable Time
1.5
6.5
2.5
7.5
2.5
9.5
ns
tPZL
1.5
6.5
2.5
7.5
2.5
10.5
tPHZ
Output Disable
Time
1.0
6.1
(10)
ns
tPLZ
1.0
5.6


Số phần tương tự - 74ABT541CSC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ABT541 PHILIPS-74ABT541 Datasheet
101Kb / 11P
   Octal buffer/line driver 3-State
1998 Jan 16
74ABT541 NXP-74ABT541 Datasheet
118Kb / 11P
   Octal buffer/line driver (3-State)
1998 Jan 16
74ABT541D NXP-74ABT541D Datasheet
118Kb / 11P
   Octal buffer/line driver (3-State)
1998 Jan 16
74ABT541D PHILIPS-74ABT541D Datasheet
101Kb / 11P
   Octal buffer/line driver 3-State
1998 Jan 16
74ABT541D-T NXP-74ABT541D-T Datasheet
118Kb / 11P
   Octal buffer/line driver (3-State)
1998 Jan 16
More results

Mô tả tương tự - 74ABT541CSC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com