công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5689RACPZ-RL7 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD5689RACPZ-RL7
Giải thích chi tiết về linh kiện  Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5689RACPZ-RL7 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD5689RACPZ-RL7 Datasheet HTML 1Page - Analog Devices AD5689RACPZ-RL7 Datasheet HTML 2Page - Analog Devices AD5689RACPZ-RL7 Datasheet HTML 3Page - Analog Devices AD5689RACPZ-RL7 Datasheet HTML 4Page - Analog Devices AD5689RACPZ-RL7 Datasheet HTML 5Page - Analog Devices AD5689RACPZ-RL7 Datasheet HTML 6Page - Analog Devices AD5689RACPZ-RL7 Datasheet HTML 7Page - Analog Devices AD5689RACPZ-RL7 Datasheet HTML 8Page - Analog Devices AD5689RACPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5689R/AD5687R
Data Sheet
Rev. 0 | Page 4 of 28
A Grade1
B Grade1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE OUTPUT
Output Voltage7
2.4975
2.5025
2.4975
2.5025
V
At ambient
Reference Temperature
Coefficient8, 9
5
20
2
5
ppm/°C
See the Terminology section
Output Impedance3
0.04
0.04
Output Voltage Noise3
12
12
µV p-p
0.1 Hz to 10 Hz
Output Voltage Noise
Density3
240
240
nV/√Hz
At ambient; f = 10 kHz,
CL = 10
nF
Load Regulation Sourcing3
20
20
µV/mA
At ambient
Load Regulation Sinking3
40
40
µV/mA
At ambient
Output Current Load
Capability3
±5
±5
mA
VDD ≥ 3 V
Line Regulation3
100
100
µV/V
At ambient
Long-Term Stability/Drift3
12
12
ppm
After 1000 hours at 125°C
Thermal Hysteresis3
125
125
ppm
First cycle
25
25
ppm
Additional cycles
LOGIC INPUTS3
Input Current
±2
±2
µA
Per pin
Input Low Voltage (VINL)
0.3 × VLOGIC
0.3 × VLOGIC
V
Input High Voltage (VINH)
0.7 × VLOGIC
0.7 × VLOGIC
V
Pin Capacitance
2
2
pF
LOGIC OUTPUTS (SDO)3
Output Low Voltage (VOL)
0.4
0.4
V
ISINK = 200
μA
Output High Voltage (VOH)
VLOGIC − 0.4
VLOGIC − 0.4
V
ISOURCE = 200
μA
Floating State Output
Capacitance
4
4
pF
POWER REQUIREMENTS
VLOGIC
1.8
5.5
1.8
5.5
V
ILOGIC
3
3
µA
VDD
2.7
5.5
2.7
5.5
V
Gain = 1
VDD
VREF + 1.5
5.5
VREF + 1.5
5.5
V
Gain = 2
IDD
VIH = VDD, VIL = GND,
VDD = 2.7 V to 5.5 V
Normal Mode10
0.59
0.7
0.59
0.7
mA
Internal reference off
1.1
1.3
1.1
1.3
mA
Internal reference on,
at full scale
All Power-Down
Modes11
1
4
1
4
µA
−40°C to +85°C
6
6
µA
−40°C to +105°C
1
Temperature range for A and B grades: −40°C to +105°C.
2
DC specifications tested with the outputs unloaded, unless otherwise noted. Upper dead band = 10 mV; it exists only when VREF = VDD with gain = 1 or when
VREF/2 = VDD with gain = 2. Linearity is calculated using a reduced code range of 256 to 65,280 (AD5689R) and 12 to 4080 (AD5687R).
3
Guaranteed by design and characterization; not production tested.
4
Channel A can have an output current of up to 30 mA. Similarly, Channel B can have an output current of up to 30 mA, up to a junction temperature of 110°C.
5
VDD = 5 V. The devices include current limiting that is intended to protect them during temporary overload conditions. Junction temperature may be exceeded
during current limit, but operation above the specified maximum operation junction temperature can impair device reliability.
6
When drawing a load current at either rail, the output voltage headroom, with respect to that rail, is limited by the 25 Ω typical channel resistance of the output
devices. For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV (see Figure 32).
7
Initial accuracy presolder reflow is ±750 µV; output voltage includes the effects of preconditioning drift. See the Internal Reference Setup section.
8
Reference is trimmed and tested at two temperatures and is characterized from −40°C to +105°C.
9
Reference temperature coefficient is calculated as per the box method. See the Terminology section for more information.
10
Interface inactive. Both DACs active. DAC outputs unloaded.
11
Both DACs powered down.


Số phần tương tự - AD5689RACPZ-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5689R AD-AD5689R Datasheet
851Kb / 28P
   Dual, 16-/12-Bit nanoDAC
AD5689R AD-AD5689R_17 Datasheet
851Kb / 28P
   Dual, 16-/12-Bit nanoDAC
More results

Mô tả tương tự - AD5689RACPZ-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5686R AD-AD5686R_17 Datasheet
1,005Kb / 31P
   Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
AD5338R AD-AD5338R Datasheet
1Mb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com