công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5338RBRUZ-RL7 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD5338RBRUZ-RL7
Giải thích chi tiết về linh kiện  Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5338RBRUZ-RL7 bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD5338RBRUZ-RL7 Datasheet HTML 1Page - Analog Devices AD5338RBRUZ-RL7 Datasheet HTML 2Page - Analog Devices AD5338RBRUZ-RL7 Datasheet HTML 3Page - Analog Devices AD5338RBRUZ-RL7 Datasheet HTML 4Page - Analog Devices AD5338RBRUZ-RL7 Datasheet HTML 5Page - Analog Devices AD5338RBRUZ-RL7 Datasheet HTML 6Page - Analog Devices AD5338RBRUZ-RL7 Datasheet HTML 7Page - Analog Devices AD5338RBRUZ-RL7 Datasheet HTML 8Page - Analog Devices AD5338RBRUZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD5338R
Data Sheet
Rev. 0 | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AC Characteristics........................................................................ 5
Timing Characteristics ................................................................ 6
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configurations and Function Descriptions ........................... 8
Typical Performance Characteristics ............................................. 9
Terminology .................................................................................... 15
Theory of Operation ...................................................................... 17
Digital-to-Analog Converter .................................................... 17
Transfer Function ....................................................................... 17
DAC Architecture....................................................................... 17
Serial Interface ............................................................................ 18
Write and Update Commands.................................................. 18
Serial Operation ......................................................................... 19
Write Operation.......................................................................... 19
Read Operation........................................................................... 20
Multiple DAC Readback Sequence .......................................... 20
Power-Down Operation............................................................ 21
Load DAC (Hardware LDAC Pin)........................................... 22
LDAC Mask Register ................................................................. 22
Hardware Reset (RESET) .......................................................... 23
Reset Select Pin (RSTSEL) ........................................................ 23
Internal Reference Setup ........................................................... 23
Solder Heat Reflow..................................................................... 23
Long-Term Temperature Drift ................................................. 23
Thermal Hysteresis .................................................................... 24
Applications Information .............................................................. 25
Microprocessor Interfacing....................................................... 25
AD5338R to ADSP-BF531 Interface ....................................... 25
Layout Guidelines....................................................................... 25
Galvanically Isolated Interface ................................................. 25
Outline Dimensions....................................................................... 26
Ordering Guide .......................................................................... 26
REVISION HISTORY
2/13—Revision 0: Initial Version


Số phần tương tự - AD5338RBRUZ-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5338RBRUZ-RL7 AD-AD5338RBRUZ-RL7 Datasheet
1Mb / 27P
   Dual 10-Bit nanoDAC
More results

Mô tả tương tự - AD5338RBRUZ-RL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5313R AD-AD5313R Datasheet
698Kb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5316R AD-AD5316R Datasheet
1Mb / 24P
   Quad, 10-Bit nanoDAC Reference, I2C Interface
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
AD5696R AD-AD5696R_17 Datasheet
1,021Kb / 29P
   Quad 16-/14-/12-Bit nanoDAC Reference, I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com