công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5313R bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD5313R
Giải thích chi tiết về linh kiện  Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5313R bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD5313R Datasheet HTML 1Page - Analog Devices AD5313R Datasheet HTML 2Page - Analog Devices AD5313R Datasheet HTML 3Page - Analog Devices AD5313R Datasheet HTML 4Page - Analog Devices AD5313R Datasheet HTML 5Page - Analog Devices AD5313R Datasheet HTML 6Page - Analog Devices AD5313R Datasheet HTML 7Page - Analog Devices AD5313R Datasheet HTML 8Page - Analog Devices AD5313R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD5313R
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VDD = 2.7 V to 5.5 V; 1.8 V ≤ VLOGIC ≤ 5.5 V; all specifications TMIN to TMAX, unless otherwise noted. RL = 2 kΩ; CL = 200 pF.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
STATIC PERFORMANCE1
Resolution
10
Bits
Relative Accuracy
±0.12
±0.5
LSB
Differential Nonlinearity
±0.5
LSB
Guaranteed monotonic by design
Zero-Code Error
0.4
1.5
mV
All 0s loaded to DAC register
Offset Error
+0.1
±1.5
mV
Full-Scale Error
+0.01
±0.1
% of FSR
All 1s loaded to DAC register
Gain Error
±0.02
±0.1
% of FSR
Total Unadjusted Error
±0.01
±0.1
% of FSR
External reference; gain = 2; TSSOP
±0.2
% of FSR
Internal reference; gain = 1; TSSOP
Offset Error Drift2
±1
µV/°C
Gain Temperature Coefficient2
±1
ppm
Of FSR/°C
DC Power Supply Rejection Ratio2
0.15
mV/V
DAC code = midscale; VDD = 5 V ± 10%
DC Crosstalk2
±2
µV
Due to single-channel, full-scale output change
±3
µV/mA
Due to load current change
±2
µV
Due to powering down (per channel)
OUTPUT CHARACTERISTICS2
Output Voltage Range
0
VREF
V
Gain = 1
0
2 × VREF
V
Gain = 2; see Figure 29
Capacitive Load Stability
2
nF
RL = ∞
10
nF
RL = 1 kΩ
Resistive Load3
1
Load Regulation
80
µV/mA
5 V ± 10%, DAC code = midscale;
−30 mA ≤ IOUT ≤ 30 mA
80
µV/mA
3 V ± 10%, DAC code = midscale;
−20 mA ≤ IOUT ≤ 20 mA
Short-Circuit Current4
40
mA
Load Impedance at Rails5
25
Ω
See Figure 29
Power-Up Time
2.5
µs
Coming out of power-down mode; VDD = 5 V
REFERENCE OUTPUT
Output Voltage6
2.4975
2.5025
V
At ambient
Reference Temperature Coefficient7, 8
2
5
ppm/°C
See the Terminology section
Output Impedance2
0.04
Ω
Output Voltage Noise2
12
µV p-p
0.1 Hz to 10 Hz
Output Voltage Noise Density2
240
nV/√Hz
At ambient; f = 10 kHz, CL = 10
nF
Load Regulation Sourcing2
20
µV/mA
At ambient
Load Regulation Sinking2
40
µV/mA
At ambient
Output Current Load Capability2
±5
mA
VDD ≥ 3 V
Line Regulation2
100
µV/V
At ambient
Long-Term Stability/Drift2
12
ppm
After 1000 hours at 125°C
Thermal Hysteresis2
125
ppm
First cycle
25
ppm
Additional cycles
LOGIC INPUTS2
Input Current
±2
µA
Per pin
Input Low Voltage (VINL)
0.3 × VLOGIC
V
Input High Voltage (VINH)
0.7 × VLOGIC
V
Pin Capacitance
2
pF


Số phần tương tự - AD5313R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5313R AD-AD5313R Datasheet
977Kb / 26P
   Dual, 10-Bit nanoDAC
AD5313RBCPZ-RL7 AD-AD5313RBCPZ-RL7 Datasheet
977Kb / 26P
   Dual, 10-Bit nanoDAC
AD5313RBRUZ AD-AD5313RBRUZ Datasheet
977Kb / 26P
   Dual, 10-Bit nanoDAC
AD5313RBRUZ-RL7 AD-AD5313RBRUZ-RL7 Datasheet
977Kb / 26P
   Dual, 10-Bit nanoDAC
AD5313R AD-AD5313R_17 Datasheet
977Kb / 26P
   Dual, 10-Bit nanoDAC
More results

Mô tả tương tự - AD5313R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5338R AD-AD5338R Datasheet
1Mb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com