công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HCPL0638 bảng dữ liệu(PDF) 6 Page - Fairchild Semiconductor

tên linh kiện HCPL0638
Giải thích chi tiết về linh kiện  The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0638 bảng dữ liệu(HTML) 6 Page - Fairchild Semiconductor

Back Button HCPL0638_09 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0638_09 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0638_09 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0638_09 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0638_09 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0638_09 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0638_09 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0638_09 Datasheet HTML 9Page - Fairchild Semiconductor HCPL0638_09 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.8
6
Typical Performance Curves (HCPL0600, HCPL0601 and HCPL0611 only)
Fig. 1 Forward Current vs. Input Forward Voltage
VF – FORWARD VOLTAGE (V)
Fig. 2 Output Voltage vs. Forward Current
Fig. 3 Input Threshold Current vs. Temperature
TA – TEMPERATURE (˚C)
TA – TEMPERATURE (˚C)
Fig. 4 High Level Output Current vs. Temperature
IF – FORWARD INPUT CURRENT (mA)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0.001
0.01
0.1
1
10
100
TA = 85°C
TA = 70°C
TA = 25°C
TA = 0°C
TA = -40°C
012345
0
1
2
3
4
5
6
TA = 25°C
VCC = 5V
RL = 350Ω
RL = 1kΩ
-40
-20
0
20
406080
100
0
1
2
3
4
5
VCC = 5V
VO = 0.6V
RL = 350Ω
RL = 1KΩ
-40
-20
0
20
406080
100
0
2
4
6
8
10
12
14
16
VO = VCC = 5.5V
VE = 2V
IF = 250µA


Số phần tương tự - HCPL0638_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Mô tả tương tự - HCPL0638_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FOD0708 FAIRCHILD-FOD0708 Datasheet
545Kb / 11P
   Optocouplers consist of an AlGaAs LED optically coupled to a high speed trans-impedance amplifier and voltage comparator
logo
List of Unclassifed Man...
ICPL2611 ETC-ICPL2611 Datasheet
78Kb / 4P
   HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
ICPL2631 ETC-ICPL2631 Datasheet
68Kb / 4P
   DUAL CHANNEL, HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
logo
Opto Electronics Co,. L...
6N137 E-OEC-6N137 Datasheet
284Kb / 6P
   VERY HIGH-SPEED LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
MOC3063M FAIRCHILD-MOC3063M Datasheet
278Kb / 11P
   The MOC306XM and MOC316XM devices consist of a GaAs infrared emitting diode optically coupled to a monolithic silicon detector performing the function of a zero voltage crossing bilateral triac driver.
logo
Toshiba Semiconductor
TLP595G TOSHIBA-TLP595G Datasheet
318Kb / 8P
   The Toshiba TLP595G consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET
logo
OPTEK Technologies
OPI8137 OPTEK-OPI8137 Datasheet
174Kb / 4P
   Optically Coupled Logic gate
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Toshiba Semiconductor
TLP4592G TOSHIBA-TLP4592G Datasheet
217Kb / 6P
   The Toshiba TLP4592G consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in a DIP package.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com