công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33071ADG bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC33071ADG
Giải thích chi tiết về linh kiện  Single Supply 3.0 V to 44 V Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33071ADG bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC33071ADG Datasheet HTML 1Page - ON Semiconductor MC33071ADG Datasheet HTML 2Page - ON Semiconductor MC33071ADG Datasheet HTML 3Page - ON Semiconductor MC33071ADG Datasheet HTML 4Page - ON Semiconductor MC33071ADG Datasheet HTML 5Page - ON Semiconductor MC33071ADG Datasheet HTML 6Page - ON Semiconductor MC33071ADG Datasheet HTML 7Page - ON Semiconductor MC33071ADG Datasheet HTML 8Page - ON Semiconductor MC33071ADG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
MC34071,2,4,A MC33071,2,4,A, NCV33072,4,A
http://onsemi.com
2
CASE 626/CASE 751
PIN CONNECTIONS
(Single, Top View)
(Dual, Top View)
Offset Null
VEE
NC
VCC
Output
Offset Null
Inputs
VEE
Inputs 1
Inputs 2
Output 2
Output 1
VCC
-
1
2
3
4
8
7
6
5
-
-
+
+
1
2
3
4
8
7
6
5
+
Inputs 1
Output 1
VCC
Inputs 2
Output 2
Output 4
Inputs 4
VEE
Inputs 3
Output 3
(Quad, Top View)
4
2
3
1
1
2
3
4
5
6
78
9
10
11
12
13
14
-
+
-
+
+
-
+
-
CASE 646/CASE 751A/CASE 948G
CASE 510AJ
Output 1
­
NC
In ­ 1
In + 1
In + 2
In ­ 2
Output 2
NC
VCC
VEE/GND
(Top View)
1
2
3
4
5
6
7
8
9
10
Offset Null
(MC33071, MC34071 only)
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q17
Q18
D2
C2
D3
R6
R7
R8
R5
Q15
Q16
Q14
Q13
Q11
Q10
R2
C1
R1
Q9
Q8
Q12
D1
R3
R4
Inputs
VCC
Output
Current
Limit
VEE/GND
Base
Current
Cancellation
-
+
Q19
Bias
Figure 1. Representative Schematic Diagram
(Each Amplifier)
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (from VEE to VCC)
VS
+44
V
Input Differential Voltage Range
VIDR
(Note 1)
V
Input Voltage Range
VIR
(Note 1)
V
Output Short Circuit Duration (Note 2)
tSC
Indefinite
Sec
Operating Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
−60 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Either or both input voltages should not exceed the magnitude of VCC or VEE.
2. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded (see Figure 2).


Số phần tương tự - MC33071ADG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33071ADG ONSEMI-MC33071ADG Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC33071ADG ONSEMI-MC33071ADG Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33071ADG ONSEMI-MC33071ADG Datasheet
252Kb / 26P
   Operational Amplifiers
July, 2014 ??Rev. 22
More results

Mô tả tương tự - MC33071ADG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071A ONSEMI-MC34071A_10 Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074DG ONSEMI-MC33074DG Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33171 ONSEMI-MC33171_06 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com