công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33071DR2G bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC33071DR2G
Giải thích chi tiết về linh kiện  Single Supply 3.0 V to 44 V Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33071DR2G bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC33071DR2G Datasheet HTML 1Page - ON Semiconductor MC33071DR2G Datasheet HTML 2Page - ON Semiconductor MC33071DR2G Datasheet HTML 3Page - ON Semiconductor MC33071DR2G Datasheet HTML 4Page - ON Semiconductor MC33071DR2G Datasheet HTML 5Page - ON Semiconductor MC33071DR2G Datasheet HTML 6Page - ON Semiconductor MC33071DR2G Datasheet HTML 7Page - ON Semiconductor MC33071DR2G Datasheet HTML 8Page - ON Semiconductor MC33071DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
MC34071,2,4,A MC33071,2,4,A, NCV33072,4,A
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = −15 V, RL = connected to ground, unless otherwise noted. See Note 3 for
TA = Tlow to Thigh)
A Suffix
Non−Suffix
Characteristics
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (RS = 100 W, VCM = 0 V, VO = 0 V)
VCC = +15 V, VEE = −15 V, TA = +25°C
VCC = +5.0 V, VEE = 0 V, TA = +25°C
VCC = +15 V, VEE = −15 V, TA = Tlow to Thigh
VIO
0.5
0.5
3.0
3.0
5.0
1.0
1.5
5.0
5.0
7.0
mV
Average Temperature Coefficient of Input Offset
Voltage
RS = 10 W, VCM = 0 V, VO = 0 V,
TA = Tlow to Thigh
DVIO/DT
10
10
mV/°C
Input Bias Current (VCM = 0 V, VO = 0 V)
TA = +25°C
TA = Tlow to Thigh
IIB
100
500
700
100
500
700
nA
Input Offset Current (VCM = 0 V, VO = 0V)
TA = +25°C
TA = Tlow to Thigh
IIO
6.0
50
300
6.0
75
300
nA
Input Common Mode Voltage Range
TA = +25°C
TA = Tlow to Thigh
VICR
VEE to (VCC −1.8)
VEE to (VCC −2.2)
VEE to (VCC −1.8)
VEE to (VCC −2.2)
V
Large Signal Voltage Gain (VO = ±10 V, RL = 2.0 kW)
TA = +25°C
TA = Tlow to Thigh
AVOL
50
25
100
25
20
100
V/mV
Output Voltage Swing (VID = ±1.0 V)
VCC = +5.0 V, VEE = 0 V, RL = 2.0 kW, TA = +25°C
VCC = +15 V, VEE = −15 V, RL = 10 kW, TA = +25°C
VCC = +15 V, VEE = −15 V, RL = 2.0 kW,
TA = Tlow to Thigh
VOH
3.7
13.6
13.4
4.0
14
3.7
13.6
13.4
4.0
14
V
VCC = +5.0 V, VEE = 0 V, RL = 2.0 kW, TA = +25°C
VCC = +15 V, VEE = −15 V, RL = 10 kW, TA = +25°C
VCC = +15 V, VEE = −15 V, RL = 2.0 kW,
TA = Tlow to Thigh
VOL
0.1
−14.7
0.3
−14.3
−13.5
0.1
−14.7
0.3
−14.3
−13.5
V
Output Short Circuit Current (VID = 1.0 V, VO = 0 V,
TA = 25°C)
Source
Sink
ISC
10
20
30
30
10
20
30
30
mA
Common Mode Rejection
RS ≤ 10 kW, VCM = VICR, TA = 25°C
CMR
80
97
70
97
dB
Power Supply Rejection (RS = 100 W)
VCC/VEE = +16.5 V/−16.5 V to +13.5 V/−13.5 V,
TA = 25°C
PSR
80
97
70
97
dB
Power Supply Current (Per Amplifier, No Load)
VCC = +5.0 V, VEE = 0 V, VO = +2.5 V, TA = +25°C
VCC = +15 V, VEE = −15 V, VO = 0 V, TA = +25°C
VCC = +15 V, VEE = −15 V, VO = 0 V,
TA = Tlow to Thigh
ID
1.6
1.9
2.0
2.5
2.8
1.6
1.9
2.0
2.5
2.8
mA
3. Tlow = −40°C for MC33071,2,4,/A, NCV33074 Thigh = +85°C for MC33071,2,4,/A, NCV33074
=0°C for MC34071,2,4,/A
= +70°C for MC34071,2,4,/A
= −40°C for MC34072,4/V, NCV33072,4A
= +125°C for MC34072,4/V, NCV33072,4A
Case 510AJ Tlow/Thigh guaranteed by product characterization.


Số phần tương tự - MC33071DR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33071DR2G ONSEMI-MC33071DR2G Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC33071DR2G ONSEMI-MC33071DR2G Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33071DR2G ONSEMI-MC33071DR2G Datasheet
252Kb / 26P
   Operational Amplifiers
July, 2014 ??Rev. 22
MC33071DR2G ONSEMI-MC33071DR2G Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
More results

Mô tả tương tự - MC33071DR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071A ONSEMI-MC34071A_10 Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074DG ONSEMI-MC33074DG Datasheet
297Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
June, 2013 ??Rev. 20
MC33171 ONSEMI-MC33171_06 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com