công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TA16L1FAA bảng dữ liệu(PDF) 10 Page - Agere Systems

tên linh kiện TA16L1FAA
Giải thích chi tiết về linh kiện  TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AGERE [Agere Systems]
Trang chủ  
Logo AGERE - Agere Systems

TA16L1FAA bảng dữ liệu(HTML) 10 Page - Agere Systems

Back Button TA16L1FAA Datasheet HTML 6Page - Agere Systems TA16L1FAA Datasheet HTML 7Page - Agere Systems TA16L1FAA Datasheet HTML 8Page - Agere Systems TA16L1FAA Datasheet HTML 9Page - Agere Systems TA16L1FAA Datasheet HTML 10Page - Agere Systems TA16L1FAA Datasheet HTML 11Page - Agere Systems TA16L1FAA Datasheet HTML 12Page - Agere Systems TA16L1FAA Datasheet HTML 13Page - Agere Systems TA16L1FAA Datasheet HTML 14Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
Agere Systems Inc.
TA16-Type 2.5 Gbits/s Transponder with
Data Sheet
16-Channel 155 Mbits/s Multiplexer/Demulitplexer
March 2001
Pin Descriptions (continued)
Table 2. TA16-Type Transponder Input Pin Descriptions
Pin Name
Pin Description
TxD[0:15]P
TxD[0:15]N
16-bit Differential LVPECL Parallel Input Data Bus. TxD15P/N is the most signifi-
cant bit of the input word and is the first bit serialized. TxD00P/N is the least signifi-
cant bit of the input word and is the last bit serialized. TxD[0:15]P/N is sampled on
the rising edge of PICLK.
PICLKP
PICLKN
Differential LVPECL Parallel Input Clock. A 155 MHz nominally 50% duty cycle
input clock to which TxD[0:15]P/N is aligned. The rising edge of PICLK transfers the
data on the 16 TxD inputs into the holding register of the parallel-to-serial converter.
TxREFCLKP
TxREFCLKN
Differential LVPECL Low Jitter 155.520 MHz Input Reference Clock. This input is
used as the reference for the internal clock frequency synthesizer which generates
the 2.5 GHz bit rate clock used to shift data out of the parallel-to-serial converter and
also for the byte-rate clock, which transfers the 16-bit parallel input data from the
input holding register into the parallel-to-serial shift register. Input is internally termi-
nated and biased. See discussion on interfacing, page 13.
TxDIS
Transmitter Disable Input. A logic HIGH on this input pin shuts off the transmitter’s
laser so that there is no optical output.
DLOOP
Diagnostic Loopback Enable (LVTTL). When the DLOOP input is low, the
2.5 Gbits/s serial data stream from the parallel-to-serial converter is looped back
internally to the serial-to-parallel converter along with an internally generated bit syn-
chronous serial clock. The received serial data path from the optical receiver is dis-
abled.
LLOOP
Line Loopback Enable (LVTTL). When LLOOP is low, the 2.5 Gbits/s serial data and
recovered clock from the optical receiver are looped directly back to the optical trans-
mitter. The multiplexed serial data from the parallel-to-serial converter is ignored.
PHINIT
Phase Initialization (LVPECL). A rising edge on this input will realign the internal
timing associated with clocking data into and out of the internal FIFO. For a detailed
explanation, see the section on Transmitter Data Input Timing on page 17.
FRAMEN
Frame Enable Input (LVTTL). Enables the frame detection circuitry to detect A1
A2 byte alignment and to lock to a word boundary. The TA16 transponder will contin-
ually perform frame acquisition as long as FRAMEN is held high. When this input is
low, the frame-detection circuitry is disabled. Frame-detection process is initiated by
rising edge of out-of-frame pulse.
OOF
Out of Frame (LVTTL). This input indicator is typically generated by external
SONET/SDH overhead monitor circuitry in response to a state in which the frame
boundaries of the received SONET/SDH signal are unknown, i.e., after system reset
or loss of synchronization. The rising edge of the OOF input initiates the frame detec-
tion function if FRAMEN is high. The FP output goes high when the frame boundary
is detected in the incoming serial data stream from the optical receiver.
RESET
Master Reset (LVTTL). Reset input for the multiplexer/demultiplexer. A low on this
input clears all buffers and registers. During reset, POCLK and PCLK do not toggle.


Số phần tương tự - TA16L1FAA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TiMOTION Technology Co....
TA16 TIMOTION-TA16 Datasheet
873Kb / 10P
   Max. load 4,500N (push) ; 2,500N (pull)
20231215-Q
logo
Beijing Yaohuadechang E...
TA16-01 YHDC-TA16-01 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-02 YHDC-TA16-02 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
TA16-03 YHDC-TA16-03 Datasheet
1Mb / 1P
   Primary core built-in type current transformer
logo
Kingbright Corporation
TA16-11 KINGBRIGHT-TA16-11 Datasheet
168Kb / 5P
   37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
More results

Mô tả tương tự - TA16L1FAA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agere Systems
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
Agere Systems
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
logo
NXP Semiconductors
TZA3017HW PHILIPS-TZA3017HW Datasheet
220Kb / 52P
   30 Mbits/s up to 3.2 Gbits/s A-rate fibre optic transmitter
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com