công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSWSS-1-SS bảng dữ liệu(PDF) 1 Page - Major League Electronics

tên linh kiện LSWSS-1-SS
Giải thích chi tiết về linh kiện  .100 cl Single Row .100 cl Low Profile Side Wipe Socket Strip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAJOR-LEAGUE [Major League Electronics]
Trang chủ  http://www.mlelectronics.com
Logo MAJOR-LEAGUE - Major League Electronics

LSWSS-1-SS bảng dữ liệu(HTML) 1 Page - Major League Electronics

  LSWSS-1-SS Datasheet HTML 1Page - Major League Electronics LSWSS-1-SS Datasheet HTML 2Page - Major League Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.100 cl Single Row
.100 cl Low Profile Side Wipe Socket Strip
LSWSS-1-SS SERIES
29 JAN 07
Major League Electronics .100 cl Low Profile Side Wipe Socket Strip
Row Specification
S = Single Row
Plating Options
Pins Per Row
30µ Gold on Contact Area / Matte Tin on Tail
LSWSS-1 XX
S
XX
Ordering Information
04
LF
01 - 50
Lead Free
Packing Information
TR-P = Tape and Reel with Plastic Pick and Place pad
TB-P = Tube with Plastic Pick and Place pad
TB-0 = Tube without Pick and Place Pad
If left blank, packaging at MLE's discretion
Pad may be metal, mylar or plastic
XX
X
H
Footprint
S = pin 1 right
S
XXX
Surface Mount
Matte Tin All Over
T
10µ Gold on Contact Area / Matte Tin on Tail
GT
Polarized Position
Leave blank if not needed
If required, specify empty pin position, e.g. 012 for Pin 12
10µ Gold on Contact area / Flash on tail
G
Gold Flash over Entire Pin
F
4235 Earnings Way, New Albany, Indiana, 47150, USA
1-800-782-3486 (USA/Canada/Mexico)
Tel: 812-944-7244
Fax: 812-944-7268
E-mail: mle@mlelectronics.com
Web: www.mlelectronics.com
Specifications
Insertion Depth: .085 (2,16) to .115 (2,92)
Insertion Force - Per Contact:
12oz. Aug (3,34N) with .025 (0,64mm) sq. pin
Withdrawal Force - Per Contact:
6oz. Aug (1,67N) with .025 (0,64mm) sq. pin
Current Rating: 3.0 Ampere
Insulation Resistance: 1000MΩ Min.
Dielectric Withstanding: 600V AC
Contact Resistance: 20 mΩ Max.
Operating Temperature: -40°C to + 105°C
Max. Process Temperature:
Peak: 260°C up to 20 secs.
Process: 230°C up to 60 secs.
Wave: 260°C up to 6 secs.
Reflow: 260°C up to 10 secs.
Manual Solder: 350°C up to 5 secs.
Materials
Contact Material: Phosphor Bronze
Insulator Material: Nylon 6T
Plating: Au or Sn over 50µ" (1,27) Ni
Products cut to specific sizes are uncancellable/nonreturnable
Parts are subject to change without notice
Mates with:
BSTC,
TSHCR,
BSTCM,
TSHCRE,
BSTCR,
TSHCRSM
BSTCRSM,
TSHR,
BSTS,
TSHRE,
LBSTCM,
TSHS,
LTSHCR,
TSHSCM,
LTSHCRE,
TSHSM,
LTSHR,
ULTSHSM,
LTSHRE,
ULTSHC,
LTSHSM,
ULTHSCR
TSHC,


Số phần tương tự - LSWSS-1-SS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Major League Electronic...
LSWSS-1-S MAJOR-LEAGUE-LSWSS-1-S Datasheet
97Kb / 2P
   .100 cl Single Row Side Wipe Socket Strip
LSWSS-1-SM MAJOR-LEAGUE-LSWSS-1-SM Datasheet
86Kb / 2P
   .100 cl Single Row .100 cl Low Profile Side Wipe Socket Str
More results

Mô tả tương tự - LSWSS-1-SS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Major League Electronic...
LSWSS-1-S MAJOR-LEAGUE-LSWSS-1-S Datasheet
97Kb / 2P
   .100 cl Single Row Side Wipe Socket Strip
LSWSS-1-SM MAJOR-LEAGUE-LSWSS-1-SM Datasheet
86Kb / 2P
   .100 cl Single Row .100 cl Low Profile Side Wipe Socket Str
LSWSS-1-D MAJOR-LEAGUE-LSWSS-1-D Datasheet
94Kb / 2P
   .100 cl Dual Row Side Wipe Socket Strip
LBCSS-1-S MAJOR-LEAGUE-LBCSS-1-S Datasheet
236Kb / 1P
   .100 cl Single Row Box Connector Socket Strip
BCSS-1-SV MAJOR-LEAGUE-BCSS-1-SV Datasheet
87Kb / 2P
   .100 cl Single Row Box Connector Socket Strip - Vertical
LTSHSM-1-SH MAJOR-LEAGUE-LTSHSM-1-SH Datasheet
251Kb / 1P
   .100 cl Single Row - Low Profile Terminal Strip Headers - Horizontal
BSSH-1-T MAJOR-LEAGUE-BSSH-1-T Datasheet
90Kb / 1P
   .100 cl Triple Row Board Stacker Socket Strip
BCSS-1-DH MAJOR-LEAGUE-BCSS-1-DH Datasheet
124Kb / 2P
   100 cl Box Connextor Socket Strip-Horizontal
BSSH-1-D MAJOR-LEAGUE-BSSH-1-D Datasheet
87Kb / 1P
   .100 cl Dual Row Board Stacker Socket Strip
LBCSS-1-D MAJOR-LEAGUE-LBCSS-1-D Datasheet
112Kb / 2P
   .100 cl Dual Row Box Connector Socket Strip
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com