công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA16A2FAA bảng dữ liệu(PDF) 6 Page - Agere Systems

tên linh kiện CA16A2FAA
Giải thích chi tiết về linh kiện  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AGERE [Agere Systems]
Trang chủ  
Logo AGERE - Agere Systems

CA16A2FAA bảng dữ liệu(HTML) 6 Page - Agere Systems

Back Button CA16A2FAA Datasheet HTML 2Page - Agere Systems CA16A2FAA Datasheet HTML 3Page - Agere Systems CA16A2FAA Datasheet HTML 4Page - Agere Systems CA16A2FAA Datasheet HTML 5Page - Agere Systems CA16A2FAA Datasheet HTML 6Page - Agere Systems CA16A2FAA Datasheet HTML 7Page - Agere Systems CA16A2FAA Datasheet HTML 8Page - Agere Systems CA16A2FAA Datasheet HTML 9Page - Agere Systems CA16A2FAA Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
Agere Systems Inc.
CA16-Type 2.5 Gbits/s DWDM Transponder with
Advance Data Sheet
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
March 2001
Pin Descriptions
Table 1. CA16-Type Transponder Pinout
Pin #
Pin Name
I/O
Logic
Description
01
FGND
I
Supply
Frame Ground1
02
IPDMON
O
Analog
Receiver Photodiode Current Monitor
03
TxDGND
I
Supply
Transmitter Digital Ground
04
TxD15P
I
LVPECL
Transmitter 155 Mbits/s MSB Data Input
05
TxD15N
I
LVPECL
Transmitter 155 Mbits/s MSB Data Input
06
TxD13P
I
LVPECL
Transmitter 155 Mbits/s Data Input
07
TxD13N
I
LVPECL
Transmitter 155 Mbits/s Data Input
08
TxDGND
I
Supply
Transmitter Digital Ground
09
TxD11P
I
LVPECL
Transmitter 155 Mbits/s Data Input
10
TxD11N
I
LVPECL
Transmitter 155 Mbits/s Data Input
11
TxD09P
I
LVPECL
Transmitter 155 Mbits/s Data Input
12
TxD09N
I
LVPECL
Transmitter 155 Mbits/s Data Input
13
TxDGND
I
SUPPLY
Transmitter Digital Ground
14
TxD07P
I
LVPECL
Transmitter 155 Mbits/s Data Input
15
TxD07N
I
LVPECL
Transmitter 155 Mbits/s Data Input
16
TxD05P
I
LVPECL
Transmitter 155 Mbits/s Data Input
17
TxD05N
I
LVPECL
Transmitter 155 Mbits/s Data Input
18
TxDGND
I
Supply
Transmitter Digital Ground
19
TxD03P
I
LVPECL
Transmitter 155 Mbits/s Data Input
20
TxD03N
I
LVPECL
Transmitter 155 Mbits/s Data Input
21
TxD01P
I
LVPECL
Transmitter 155 Mbits/s Data Input
22
TxD01N
I
LVPECL
Transmitter 155 Mbits/s Data Input
23
TxDGND
I
Supply
Transmitter Digital Ground
24
PICLKP
I
LVPECL
Byte-Aligned Parallel Input Clock at 155 MHz
25
PICLKN
I
LVPECL
Byte-Aligned Parallel Input Clock at 155 MHz
26
LOCKDET
O
LVTTL
Lock Detect
27
TxDGND
I
Supply
Transmitter Digital Ground
28
Tx3.3D
I
Supply
Transmitter 3.3 V Digital Supply
29
Tx3.3D
I
Supply
Transmitter 3.3 V Digital Supply
30
TxAGND
I
Supply
Transmitter Analog Ground
31
Tx3.3A
I
Supply
Transmitter 3.3 V Analog Supply
32
Tx3.3A
I
Supply
Transmitter 3.3 V Analog Supply
33
TxAGND
I
Supply
Transmitter Analog Ground
34
LPM
O
Analog
Laser Power Monitor
35
LSRALM
O
5 V CMOS Laser Degrade Alarm
36
LSRBIAS
O
Analog
Not Implemented on the CA16-TypeTransponder
37
NC
No User Connection Permitted2
38
DLOOP
I
LVTTL
Diagnostic Loopback
39
WDEA
O
5 V CMOS Wavelength Deviation Error Alarm
40
FP
O
LVPECL
Frame Pulse
41
FRAMEN
I
LVTTL
Frame Enable
1. Frame ground is connected to the housing and is isolated from all circuit grounds (TxDGND, TxAGND, RxDGND, RxAGND).
2. Pins labeled no connection must remain open circuits; they have internal voltages and must not be connected to VCC, Ground,
or any signal node.


Số phần tương tự - CA16A2FAA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
CA16-2 MACOM-CA16-2 Datasheet
357Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Ledil, Inc.
CA16015 LEDIL-CA16015 Datasheet
6Mb / 4P
   Type II/III (Long) beam for very wide pole to pole distances.
CA16031 LEDIL-CA16031 Datasheet
2Mb / 4P
   Beam for area and street lighting such as parks and pedestrian walkways
CA16127 LEDIL-CA16127 Datasheet
1Mb / 19P
   OLGA Assembly
CA16127 LEDIL-CA16127 Datasheet
6Mb / 9P
   ~11째 spot beam beam. Assembly with holder and installation tape.
More results

Mô tả tương tự - CA16A2FAA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agere Systems
TA16 AGERE-TA16 Datasheet
476Kb / 28P
   TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
JDS Uniphase Corporatio...
MDX-13MX2001A JDSU-MDX-13MX2001A Datasheet
140Kb / 3P
   13 Channel DWDM Multiplexer/Demultiplexer (Mux/Demux)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com