công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2-1393100-5 bảng dữ liệu(PDF) 1 Page - Tyco Electronics

tên linh kiện 2-1393100-5
Giải thích chi tiết về linh kiện  10 Amp Dual CoiL Latching Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393100-5 bảng dữ liệu(HTML) 1 Page - Tyco Electronics

  2-1393100-5 Datasheet HTML 1Page - Tyco Electronics 2-1393100-5 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
910
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
KBP series
10 Amp
Dual Coil
Latching Relay
File E29244
Users should thoroughly review the technical data before selecting a product
part number. It is recommended that users also seek out the pertinent approvals
files of the agencies/laboratories and review them to ensure the product meets
the requirements for a given application.
Features
• Dual coil latching relay accepts a momentary impulse to one coil to
latch and a second impulse to the other coil to release.
• Enclosed in a clear polycarbonate dust cover.
• AC or DC coils.
• Contacts up to 5PDT.
• Mounts in 11 or 20-pin octal-type plugs.
Contact Data @ +25°C
Arrangements: From 2 Form C (DPDT) to 5 Form C (5PDT),
(3PDT each coil).
Ratings: 10 amps @ 120VAC.
Materials: 10 amp models: Silver-cadmium oxide.
Expected Life: 500,000 operations, mechanical; 50,000 operations
minimum at rated loads.
Initial Dielectric Strength
Between Open Contacts: 500V rms.
Between Adjacent Contacts: 1,000V rms.
Between Contacts and Coil: 1,000V rms.
Coil Data @ +25°C
Nominal Power:
DC Coils: 2.7W.
AC Coils: 5.3VA to 4 pole; 7.8VA to 5 pole.
Maximum Power: DC coils - 4.0W.
Duty Cycle: Intermittent.
Initial Insulation Resistance: 100 megohms.
Operate Data @ +25°C
Must-Operate Voltage:
DC: 75% of nominal voltage.
AC: 85% of nominal voltage.
Operate Time: 25 milliseconds excluding bounce.
Environmental Data
Temperature Range:
Storage: 105°C.
Operating: -45°C to +85°C.
Mechanical Data
Termination: See terminals table on next page.
Enclosures: Plastic dust cover standard. Hermetically sealed
metal case available on special order.
Weight: 10.8 oz. (306g) approximately.
Coil Data
Resistance in
Nominal
Nominal
Ohms
Current
Voltage
±10% @ 25°C
Milliamperes
DC
12
52.0
230
Coils
24
230
104
48
850
56.5
(to 5 pole)
110
4560
24
220
Use 110 volt relay with 5000
Ohms, 5 watt resistor in series.
Resistance in
Nominal
Nominal
Ohms
Current
Voltage
±15% @ 25°C
Milliamperes
Up to 4 Pole Relays
24
42
210
AC
120
1030
44
Coils
240
4100
22
For 5 Pole Relays
24
27
325
120
700
68


Số phần tương tự - 2-1393100-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
2-1393100-5 TEC-2-1393100-5 Datasheet
510Kb / 2P
   General Purpose Relays Industrial Relays
More results

Mô tả tương tự - 2-1393100-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
2-1419106-8 MACOM-2-1419106-8 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
2-1393100-6 MACOM-2-1393100-6 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
2-1393100-7 MACOM-2-1393100-7 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
2-1393100-3 MACOM-2-1393100-3 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
2-1393100-4 MACOM-2-1393100-4 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
2-1393100-9 MACOM-2-1393100-9 Datasheet
154Kb / 2P
   10 Amp Dual Coil Latching Relay
logo
Leach International Cor...
XCL LEACH-XCL Datasheet
660Kb / 5P
   RELAY – LATCHING 1PDT, LOW LEVEL TO 10 AMP
logo
CIT Relay & Switch
L115F1 CIT-L115F1 Datasheet
128Kb / 3P
   Single coil latching power relay
L115F2 CIT-L115F2 Datasheet
107Kb / 3P
   Single coil latching power relay
logo
Picker Components
PC12 PICKER-PC12 Datasheet
549Kb / 2P
   80 Amp PCB Latching Relay
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com