công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R-FSP500-70ETN bảng dữ liệu(PDF) 1 Page - Sparkle Power Inc.

tên linh kiện R-FSP500-70ETN
Giải thích chi tiết về linh kiện  500 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPI [Sparkle Power Inc.]
Trang chủ  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

R-FSP500-70ETN bảng dữ liệu(HTML) 1 Page - Sparkle Power Inc.

  R-FSP500-70ETN Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sparkle Power Inc.
A Leading Power Supply
Manufacturer
www.sparklepower.com
R-FSP500-70ETN
(80PLUS Platinum, RoHS Compliant)
Features
Input Characteristics
Input Range: 90 ~ 264Vac, Full Range Input
Frequency: 47 ~ 63Hz
Input Current: 8 Amp (maximum) at 100-127Vrms/ 60 Hz
4Amp (maximum) at 200-240 Vrms/ 50 Hz.
Inrush Current: No damage.
Specification
Temperature Range: Operating: +0°C ~ +40°C on full load
Storage & Shipping: -40°C ~ +70°C
Humidity: 5-85% on operating, 5-95% on storage
Efficiency: 89% minimum, typical up to 92%
Rise time: 15ms maximum
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off delay
1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH):140x150x85.8mm / 5.5x5.9x3.4inch
Output Characteristics
(1) +3.3V & +5V total output not exceed 90W.
When +5V is load to 16A, the +3.3V maximum load is 3A.
When +3.3V is load to 16A, the +5V maximum load is 7.4A.
(2) +12V1 & +12V2& +12V3 total output not exceed 456W(38A).
(3) All outputs shall be safety-isolated from the AC mains and share a
common
return. This common return must be connected to supply chassis.
(4) Voltages and ripple are measured at the load side of mating
connectors with a
0.1uF monolithic ceramic capacitor paralleled by a 10uF electrolytic
capacitor
500 Watts ATX12V V2.3 EPS12V V2.92 Switching
Power Supply (Meet 2013 ErP)
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC (Restriction
on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation, and
CISPR 22 class B at 230Vac operation
Approved by CUL/UL60950-1, TUV EN60950-1,CB 60950-1 report,
FCC,EMC.
Complied with ATX12V V2.3 EPS12V V2.92 standard
MINIMUM
LOAD
NORMAL
LOAD
MAXIMUM
LOAD
LOAD
REG.
LINE
REG.
RIPPLE & NOISE
+3.3V
0.1A
12A
16/3A
±
5%
±
1%
50mV P-P
+5V
0.2A
12A
7.4/16A
±
5%
±
1%
50mV P-P
+12V1
0.1A
8A
18A
±
5%
±
1%
120mV P-P
+12V2
0A
8A
18A
±
5%
±
1%
120mV P-P
+12V3
0A
8A
18A
±
5%
±
1%
120mV P-P
-12V
0A
0.15A
0.3A
±
10%
±
2%
200mV P-P
+5Vsb
0A
1.5A
3A
±
5%
±
1%
50mV P-P
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
Tel : 408-519-8888
Fax: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
Tel : 626-839-7180
Fax: 626-839-3395


Số phần tương tự - R-FSP500-70ETN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sparkle Power Inc.
R-FSP040-RAC SPI-R-FSP040-RAC Datasheet
1Mb / 1P
   40 Watts Power Adapter Low noise and ripple
R-FSP065-21UAN0 SPI-R-FSP065-21UAN0 Datasheet
239Kb / 6P
   With USB output LCD display Adapter Power Supply
R-FSP1000-50TGM SPI-R-FSP1000-50TGM Datasheet
1Mb / 1P
   1000 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP1200-50TGM SPI-R-FSP1200-50TGM Datasheet
1Mb / 1P
   1200 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP400-60ETN SPI-R-FSP400-60ETN Datasheet
2Mb / 1P
   400 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
More results

Mô tả tương tự - R-FSP500-70ETN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sparkle Power Inc.
R-FSP600-80ETN SPI-R-FSP600-80ETN Datasheet
2Mb / 1P
   600 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP1000-50TGM SPI-R-FSP1000-50TGM Datasheet
1Mb / 1P
   1000 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-SPI750ACAG SPI-R-SPI750ACAG Datasheet
2Mb / 1P
   750 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-SPI650ACAG SPI-R-SPI650ACAG Datasheet
4Mb / 1P
   650 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP400-60ETN SPI-R-FSP400-60ETN Datasheet
2Mb / 1P
   400 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP700-80ETN SPI-R-FSP700-80ETN Datasheet
2Mb / 1P
   700 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP1200-50TGM SPI-R-FSP1200-50TGM Datasheet
1Mb / 1P
   1200 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
R-FSP850-50TGM SPI-R-FSP850-50TGM Datasheet
1Mb / 1P
   850 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
FSP550-80ETN SPI-FSP550-80ETN Datasheet
1Mb / 1P
   550 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
FSP600-80ETN SPI-FSP600-80ETN Datasheet
1Mb / 1P
   600 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com